Electronic Components Datasheet Search
  English  ▼

X  

MSS Datasheet(PDF) 3 Page - Schurter Inc.

Part # MSS
Description  Active electronic switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

MSS Datasheet(HTML) 3 Page - Schurter Inc.

  MSS Datasheet HTML 1Page - Schurter Inc. MSS Datasheet HTML 2Page - Schurter Inc. MSS Datasheet HTML 3Page - Schurter Inc. MSS Datasheet HTML 4Page - Schurter Inc. MSS Datasheet HTML 5Page - Schurter Inc. MSS Datasheet HTML 6Page - Schurter Inc. MSS Datasheet HTML 7Page - Schurter Inc. MSS Datasheet HTML 8Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Metal Line Switches
MSS
https://www.schurter.com /PG70
Switches
A
B
C
D
E
F
G
H
J
K
L
M
MSS19
MSS22
MSS30
N
ø22.00mm
ø18.55mm
ø14.70mm
M 19x0.75
4.00mm
11.30mm
2.00mm
SW / AF 22.00mm
Nut (Plastic)
Stranded wire
Actuator (Stainless steel)
Lightguide (Plastic)
Bezel (Plastic)
ø25.50mm
ø21.50mm
ø16.90mm
M 22x1.00
4.00mm
11.10mm
2.40mm
SW / AF 24.00mm
ø34.75mm
ø29.30mm
ø23.10mm
M 30x1.50
5.00mm
10.40mm
3.25mm
SW / AF 32.00mm
Dimension
MSS19 Mounting hole
ø18.15
+0.05
0
MSS22 Mounting hole
ø21.15
+0.05
0
MSS30 Mounting hole
ø28.85
+0.05
0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com