Electronic Components Datasheet Search
  English  ▼

X  

MSS Datasheet(PDF) 7 Page - Schurter Inc.

Part # MSS
Description  Active electronic switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

MSS Datasheet(HTML) 7 Page - Schurter Inc.

  MSS Datasheet HTML 1Page - Schurter Inc. MSS Datasheet HTML 2Page - Schurter Inc. MSS Datasheet HTML 3Page - Schurter Inc. MSS Datasheet HTML 4Page - Schurter Inc. MSS Datasheet HTML 5Page - Schurter Inc. MSS Datasheet HTML 6Page - Schurter Inc. MSS Datasheet HTML 7Page - Schurter Inc. MSS Datasheet HTML 8Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
Metal Line Switches
MSS
https://www.schurter.com /PG70
Switches
All Variants
Diameter [mm]
Rated Current
[A]
Illumination type
Illumination color
Colour of Housing
Switching Func-
tion
Suitable cable
Order Number
19
100 mA
Without
No illumination
blue
latching (LA)
3 Wires
3-126-736
19
100 mA
Without
No illumination
black
latching (LA)
3 Wires
3-126-737
19
100 mA
Without
No illumination
grey
latching (LA)
3 Wires
3-126-738
19
100 mA
Without
No illumination
white
latching (LA)
3 Wires
3-126-740
19
100 mA
Without
No illumination
red
latching (LA)
3 Wires
3-126-734
19
100 mA
Without
No illumination
green
latching (LA)
3 Wires
3-126-735
19
100 mA
Without
No illumination
yellow
latching (LA)
3 Wires
3-126-739
19
100 mA
Without
No illumination
orange
latching (LA)
3 Wires
3-126-741
19
100 mA
Lateral illumination
Multicolor
translucent
latching (LA)
6 Wires
3-126-723
19
100 mA
Without
No illumination
blue
momentary (MO)
3 Wires
3-126-728
19
100 mA
Without
No illumination
black
momentary (MO)
3 Wires
3-126-729
19
100 mA
Without
No illumination
grey
momentary (MO)
3 Wires
3-126-730
19
100 mA
Without
No illumination
white
momentary (MO)
3 Wires
3-126-732
19
100 mA
Without
No illumination
red
momentary (MO)
3 Wires
3-126-726
19
100 mA
Without
No illumination
green
momentary (MO)
3 Wires
3-126-727
19
100 mA
Without
No illumination
yellow
momentary (MO)
3 Wires
3-126-731
19
100 mA
Without
No illumination
orange
momentary (MO)
3 Wires
3-126-733
19
100 mA
Lateral illumination
Multicolor
translucent
momentary (MO)
6 Wires
3-126-722
22
100 mA
Without
No illumination
blue
latching (LA)
3 Wires
3-126-772
22
100 mA
Without
No illumination
black
latching (LA)
3 Wires
3-126-773
22
100 mA
Without
No illumination
grey
latching (LA)
3 Wires
3-126-774
22
100 mA
Without
No illumination
white
latching (LA)
3 Wires
3-126-776
22
100 mA
Without
No illumination
red
latching (LA)
3 Wires
3-126-770
22
100 mA
Without
No illumination
green
latching (LA)
3 Wires
3-126-771
22
100 mA
Without
No illumination
yellow
latching (LA)
3 Wires
3-126-775
22
100 mA
Without
No illumination
orange
latching (LA)
3 Wires
3-126-777
22
100 mA
Lateral illumination
Multicolor
translucent
latching (LA)
6 Wires
3-126-759
22
100 mA
Without
No illumination
blue
momentary (MO)
3 Wires
3-126-764
22
100 mA
Without
No illumination
black
momentary (MO)
3 Wires
3-126-765
22
100 mA
Without
No illumination
grey
momentary (MO)
3 Wires
3-126-766
22
100 mA
Without
No illumination
white
momentary (MO)
3 Wires
3-126-768
22
100 mA
Without
No illumination
red
momentary (MO)
3 Wires
3-126-762
22
100 mA
Without
No illumination
green
momentary (MO)
3 Wires
3-126-763
22
100 mA
Without
No illumination
yellow
momentary (MO)
3 Wires
3-126-767
22
100 mA
Without
No illumination
orange
momentary (MO)
3 Wires
3-126-769
22
100 mA
Lateral illumination
Multicolor
translucent
momentary (MO)
6 Wires
3-126-758
30
100 mA
Without
No illumination
blue
latching (LA)
3 Wires
3-126-807
30
100 mA
Without
No illumination
black
latching (LA)
3 Wires
3-126-808
30
100 mA
Without
No illumination
grey
latching (LA)
3 Wires
3-126-809
30
100 mA
Without
No illumination
white
latching (LA)
3 Wires
3-126-811
30
100 mA
Without
No illumination
red
latching (LA)
3 Wires
3-126-805
30
100 mA
Without
No illumination
green
latching (LA)
3 Wires
3-126-806
30
100 mA
Without
No illumination
yellow
latching (LA)
3 Wires
3-126-810
30
100 mA
Without
No illumination
orange
latching (LA)
3 Wires
3-126-812
30
100 mA
Lateral illumination
Multicolor
translucent
latching (LA)
6 Wires
3-126-794



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com