Electronic Components Datasheet Search
  English  ▼

X  

MSS Datasheet(PDF) 1 Page - Schurter Inc.

Part # MSS
Description  Active electronic switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

MSS Datasheet(HTML) 1 Page - Schurter Inc.

  MSS Datasheet HTML 1Page - Schurter Inc. MSS Datasheet HTML 2Page - Schurter Inc. MSS Datasheet HTML 3Page - Schurter Inc. MSS Datasheet HTML 4Page - Schurter Inc. MSS Datasheet HTML 5Page - Schurter Inc. MSS Datasheet HTML 6Page - Schurter Inc. MSS Datasheet HTML 7Page - Schurter Inc. MSS Datasheet HTML 8Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Metal Line Switches
MSS
https://www.schurter.com /PG70
Switches
Active electronic switch
Lateral illumination: blue
Colour of Housing: red (No illumination)
Colour of Housing: green (no illumination)
See below:
Approvals and Compliances
Description
- Active electronic switch (LA) / pushbutton (MO) without moving parts
- Triggering of the switching mechanism by light pressure on the swit-
ching surface
- Multicolor illumination - the max. currents fot the LEDs must be consi-
dered and, if necessary, series resistors must be used
- Unilluminated variants in different colors
Unique Selling Proposition
- Small installation depth
- Variable input voltage
- Trendy design
Characteristics
- Side illumination
- Wearless - no moving parts
Weblinks
pdf data sheet, html datasheet, General Product Information, CAD-
Drawings, Product News, Detailed request for product
Technical Data
Electrical Data
Switching Function
momentary (MO) or latching (LA)
Switching Voltage
max. 60 VDC
Switching current
max. 100 mA
Electrical Rating
1 W
Switch Resistance OFF
> 10 M
Ω
Switch Resistance ON
< 20
Ω
Supply Voltage
5 - 28 VDC
Reverse Polarity Protection
yes
Short Circuit Protection
yes
Lifetime
>20 million actuations
Mechanical Data
Actuating Force
1 - 3 N
Shock Protection
IK06
Mounting Depth
8 mm
Tightening Torque Plastic Nut
2.5 Nm
Climatical Data
Operating Temperature
-40 to 85 °C
Storage Temperature
-40 to 85 °C
IP Protection Class Front Side IP67 acc. to IEC 60529
Salt Spray Test (acc. to
IEC60068-2-11)
96 h Residence Time
Material
Housing
PMMA
Actuator
Stainless Steel
Illuminated ring
PMMA
Rear cover
PC
Mounting Nut
PBT GF30
Approvals and Compliances
Detailed information on product approvals, code requirements, usage instructions and detailed test conditions can be looked up in Details about
Approvals
SCHURTER products are designed for use in industrial environments. They have approvals from independent testing bodies according to national
and international standards. Products with specific characteristics and requirements such as required in the automotive sector according to IATF
16949, medical technology according to ISO 13485 or in the aerospace industry can be offered exclusively with customer-specific, individual agree-
ments by SCHURTER.


Similar Part No. - MSS

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MSS MACOM-MSS Datasheet
361Kb / 7P
Slide Switches, Instrumentation Grade
logo
Lorlin Electronics Ltd.
MSS LORLIN-MSS Datasheet
276Kb / 1P
MS2000 ROTARY SWITCH MODULE
logo
Arista Networks, Inc
MSS ARISTA-MSS Datasheet
949Kb / 4P
Arista Networks Multi-Domain Segmentation Services (MSS) For Zero Trust Networking
April 23, 2024
logo
Omega Engineering, Inc.
MSS OMEGA-MSS Datasheet
243Kb / 1P
Snap Strips For Mounting Miniature MPJ Panel Jacks
logo
Phoenix Mecano S.E. Asi...
MSS 11 BOPLA-MSS 11 Datasheet
2Mb / 22P
Cable glands / General Accessories
More results

Similar Description - MSS

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HT0638 SUTEX-HT0638 Datasheet
50Kb / 4P
Electronic Line Switch
logo
Sanyo Semicon Device
LA7016 SANYO-LA7016 Datasheet
77Kb / 3P
VCR Electronic Switch
LA7152 SANYO-LA7152 Datasheet
89Kb / 5P
VCR Electronic Switch
LA7221 SANYO-LA7221 Datasheet
54Kb / 2P
VCR Electronic Switch
logo
List of Unclassifed Man...
A00596 ETC2-A00596 Datasheet
180Kb / 2P
Electronic Speed Switch
PS1000-R06L ETC2-PS1000-R06L Datasheet
138Kb / 2P
Electronic Pressure Switch
logo
STMicroelectronics
AN3973 STMICROELECTRONICS-AN3973 Datasheet
3Mb / 24P
Electronic ballast with active PFC using
11-Nov-2011
logo
Copal Electronics
PS40 COPAL-PS40 Datasheet
1Mb / 1P
ELECTRONIC PRESSURE SWITCH
PS6 COPAL-PS6 Datasheet
1Mb / 4P
ELECTRONIC PRESSURE SWITCH
PS91 COPAL-PS91 Datasheet
1Mb / 3P
Electronic pressure switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com