Electronic Components Datasheet Search
  English  ▼

X  

MSS Datasheet(PDF) 8 Page - Schurter Inc.

Part # MSS
Description  Active electronic switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

MSS Datasheet(HTML) 8 Page - Schurter Inc.

  MSS Datasheet HTML 1Page - Schurter Inc. MSS Datasheet HTML 2Page - Schurter Inc. MSS Datasheet HTML 3Page - Schurter Inc. MSS Datasheet HTML 4Page - Schurter Inc. MSS Datasheet HTML 5Page - Schurter Inc. MSS Datasheet HTML 6Page - Schurter Inc. MSS Datasheet HTML 7Page - Schurter Inc. MSS Datasheet HTML 8Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
Metal Line Switches
MSS
https://www.schurter.com /PG70
Switches
Diameter [mm]
Rated Current
[A]
Illumination type
Illumination color
Colour of Housing
Switching Func-
tion
Suitable cable
Order Number
30
100 mA
Without
No illumination
blue
momentary (MO)
3 Wires
3-126-799
30
100 mA
Without
No illumination
black
momentary (MO)
3 Wires
3-126-800
30
100 mA
Without
No illumination
grey
momentary (MO)
3 Wires
3-126-801
30
100 mA
Without
No illumination
white
momentary (MO)
3 Wires
3-126-803
30
100 mA
Without
No illumination
red
momentary (MO)
3 Wires
3-126-797
30
100 mA
Without
No illumination
green
momentary (MO)
3 Wires
3-126-798
30
100 mA
Without
No illumination
yellow
momentary (MO)
3 Wires
3-126-802
30
100 mA
Without
No illumination
orange
momentary (MO)
3 Wires
3-126-804
30
100 mA
Lateral illumination
Multicolor
translucent
momentary (MO)
6 Wires
3-126-793
Availability for all products can be searched real-time:https://www.schurter.com/en/Stock-Check/Stock-Check-SCHURTER
Packaging unit
10 Pcs
Accessories
Description
Cable_to_MSS
Cable to MSS: 3-126-217 (3 Wire Harness), 3-126-215 (6 Wire Harness)
The specifications, descriptions and illustrations indicated in this document are based on current
information. All content is subject to modifications and amendments. Information furnished is believed
to be accurate and reliable. However, users should independently evaluate the suitability and test each
product selected for their own applications.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com