Electronic Components Datasheet Search
  English  ▼

X  

MSS Datasheet(PDF) 4 Page - Schurter Inc.

Part # MSS
Description  Active electronic switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

MSS Datasheet(HTML) 4 Page - Schurter Inc.

  MSS Datasheet HTML 1Page - Schurter Inc. MSS Datasheet HTML 2Page - Schurter Inc. MSS Datasheet HTML 3Page - Schurter Inc. MSS Datasheet HTML 4Page - Schurter Inc. MSS Datasheet HTML 5Page - Schurter Inc. MSS Datasheet HTML 6Page - Schurter Inc. MSS Datasheet HTML 7Page - Schurter Inc. MSS Datasheet HTML 8Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Metal Line Switches
MSS
https://www.schurter.com /PG70
Switches
Diagrams
Illuminated
Vin
Out
GND
MSS
LED +
red
LED +
green
LED +
blue
R
G
B
Illuminated
Connection assignment
1
3
2
4
5
6
Wire color
Brown BN
Black BK
White WT
Blue BL
Red RD
Green GN
Function
Vin = 5 VDC...28 VDC
GND
Out
PIN-number
LED blue
LED green
LED red
Non-illuminated
Vin
Out
none
GND
none
none
MSS
Non-illuminated
Connection assignment
1
3
2
4
5
6
Wire color
Brown BN
Black BK
White WT
Not used
Not used
Not used
Function
Vin = 5 VDC...28 VDC
GND
Out
PIN-number
Adapter cables are available on request for potential free switching outputs and
series resistors for the led illumination
Stranded wire side
Out 1
Out 2
LED +
red
LED +
green
LED +
blue
GND
V in
1.1kΩ
1.3kΩ
1.3kΩ
V in
Out
GND
LED +
blue
LED +
green
LED +
red
Lateral illumination
Operating Data
Forward Voltage min.
Forward Voltage max.
LED red
1.7 V
2.4 V
LED green
2.6 V
3.2 V
LED blue
2.6 V
3.2 V
Max. Current
Forward current (at +25°C)1)
50 mA
Forward current (at +85°C)1)
10 mA
Standby current
1mA
1) Linear forward current derating curve
Series resistor must be added.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com