Electronic Components Datasheet Search
  English  ▼

X  

AD9511BCPZ Datasheet(PDF) 28 Page - Analog Devices

Part # AD9511BCPZ
Description  1.2 GHz Clock Distribution IC, PLL Core, Dividers, Delay Adjust, Five Outputs
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9511BCPZ Datasheet(HTML) 28 Page - Analog Devices

Back Button AD9511BCPZ Datasheet HTML 24Page - Analog Devices AD9511BCPZ Datasheet HTML 25Page - Analog Devices AD9511BCPZ Datasheet HTML 26Page - Analog Devices AD9511BCPZ Datasheet HTML 27Page - Analog Devices AD9511BCPZ Datasheet HTML 28Page - Analog Devices AD9511BCPZ Datasheet HTML 29Page - Analog Devices AD9511BCPZ Datasheet HTML 30Page - Analog Devices AD9511BCPZ Datasheet HTML 31Page - Analog Devices AD9511BCPZ Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 60 page
background image
AD9511
Rev. B | Page 28 of 60
R DIVIDER
N DIVIDER
PHASE
FREQUENCY
DETECTOR
CHARGE
PUMP
PLL
SETTINGS
CLK2
STATUS
CLK2B
PROGRAMMABLE
DIVIDERS AND
PHASE ADJUST
OUT0
OUT0B
LVPECL
/1, /2, /3... /31, /32
OUT1
OUT1B
LVPECL
/1, /2, /3... /31, /32
OUT2
OUT2B
LVPECL
/1, /2, /3... /31, /32
OUT3
OUT3B
LVDS/CMOS
/1, /2, /3... /31, /32
OUT4
OUT4B
LVDS/CMOS
/1, /2, /3... /31, /32
DELAY
ADJUST
T
CLK1
CLK1B
REFIN
REFINB
FUNCTION
SCLK
SDIO
SDO
CSB
SERIAL
CONTROL
PORT
CP
CPRSET
DISTRIBUTION
REF
SYNCB,
RESETB
PDB
RSET
AD9511
GND
VS
VCP
PLL
REF
1.6GHz
1.2GHz
LVPECL
250MHz
CMOS
800MHz
LVDS
250MHz
1.6GHz
Figure 33. Functional Block Diagram Showing Maximum Frequencies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com