Electronic Components Datasheet Search
  English  ▼

X  

AD9511BCPZ Datasheet(PDF) 15 Page - Analog Devices

Part # AD9511BCPZ
Description  1.2 GHz Clock Distribution IC, PLL Core, Dividers, Delay Adjust, Five Outputs
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9511BCPZ Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9511BCPZ Datasheet HTML 11Page - Analog Devices AD9511BCPZ Datasheet HTML 12Page - Analog Devices AD9511BCPZ Datasheet HTML 13Page - Analog Devices AD9511BCPZ Datasheet HTML 14Page - Analog Devices AD9511BCPZ Datasheet HTML 15Page - Analog Devices AD9511BCPZ Datasheet HTML 16Page - Analog Devices AD9511BCPZ Datasheet HTML 17Page - Analog Devices AD9511BCPZ Datasheet HTML 18Page - Analog Devices AD9511BCPZ Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 60 page
background image
AD9511
Rev. B | Page 15 of 60
SERIAL CONTROL PORT
Table 8.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
CSB, SCLK (INPUTS)
CSB and SCLK have 30 kΩ
internal pull-down resistors
Input Logic 1 Voltage
2.0
V
Input Logic 0 Voltage
0.8
V
Input Logic 1 Current
110
μA
Input Logic 0 Current
1
μA
Input Capacitance
2
pF
SDIO (WHEN INPUT)
Input Logic 1 Voltage
2.0
V
Input Logic 0 Voltage
0.8
V
Input Logic 1 Current
10
nA
Input Logic 0 Current
10
nA
Input Capacitance
2
pF
SDIO, SDO (OUTPUTS)
Output Logic 1 Voltage
2.7
V
Output Logic 0 Voltage
0.4
V
TIMING
Clock Rate (SCLK, 1/tSCLK)
25
MHz
Pulse Width High, tPWH
16
ns
Pulse Width Low, tPWL
16
ns
SDIO to SCLK Setup, tDS
2
ns
SCLK to SDIO Hold, tDH
1
ns
SCLK to Valid SDIO and SDO, tDV
6
ns
CSB to SCLK Setup and Hold, tS, tH
2
ns
CSB Minimum Pulse Width High, tPWH
3
ns
FUNCTION PIN
Table 9.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
INPUT CHARACTERISTICS
The FUNCTION pin has a 30 kΩ internal pull-down resistor.
This pin should normally be held high. Do not leave NC.
Logic 1 Voltage
2.0
V
Logic 0 Voltage
0.8
V
Logic 1 Current
110
μA
Logic 0 Current
1
μA
Capacitance
2
pF
RESET TIMING
Pulse Width Low
50
ns
SYNC TIMING
Pulse Width Low
1.5
High speed clock cycles
High speed clock is CLK1 or CLK2, whichever is
used for distribution.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com