Electronic Components Datasheet Search
  English  ▼

X  

AD9511BCPZ Datasheet(PDF) 47 Page - Analog Devices

Part # AD9511BCPZ
Description  1.2 GHz Clock Distribution IC, PLL Core, Dividers, Delay Adjust, Five Outputs
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9511BCPZ Datasheet(HTML) 47 Page - Analog Devices

Back Button AD9511BCPZ Datasheet HTML 43Page - Analog Devices AD9511BCPZ Datasheet HTML 44Page - Analog Devices AD9511BCPZ Datasheet HTML 45Page - Analog Devices AD9511BCPZ Datasheet HTML 46Page - Analog Devices AD9511BCPZ Datasheet HTML 47Page - Analog Devices AD9511BCPZ Datasheet HTML 48Page - Analog Devices AD9511BCPZ Datasheet HTML 49Page - Analog Devices AD9511BCPZ Datasheet HTML 50Page - Analog Devices AD9511BCPZ Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 60 page
background image
AD9511
Rev. B | Page 47 of 60
REGISTER MAP DESCRIPTION
Table 24 lists the AD9511 control registers by hexadecimal address. A specific bit or range of bits within a register is indicated by angle
brackets. For example, <3> refers to Bit 3, while <5:2> refers to the range of bits from Bit 5 through Bit 2. Table 24 describes the
functionality of the control registers on a bit-by-bit basis. For a more concise (but less descriptive) table, see Table 23.
Table 24. AD9511 Register Descriptions
Reg.
Addr.
(Hex)
Bit(s) Name
Description
Serial Control Port
Configuration
Any changes to this register takes effect immediately. Register 5Ah<0> Update Registers does not
have to be written.
00
<3:0>
Not Used.
00
<4>
Long Instruction
When this bit is set (1), the instruction phase is 16 bits. When clear (0), the instruction phase is 8 bits.
The default, and only, mode for this part is long instruction (Default = 1b).
00
<5>
Soft Reset
When this bit is set (1), the chip executes a soft reset, restoring default values to the internal
registers, except for this register, 00h. This bit is not self-clearing. A clear (0) has to be written
to it to clear it.
00
<6>
LSB First
When this bit is set (1), the input and output data is oriented as LSB first. Additionally, register
addressing increments. If this bit is clear (0), data is oriented as MSB first and register addressing
decrements. (Default = 0b, MSB first).
00
<7>
SDO Inactive
(Bidirectional
Mode)
When set (1), the SDO pin is tri-state and all read data goes to the SDIO pin. When clear (0), the
SDO is active (unidirectional mode). (Default = 0b).
Not Used
01
<7:0>
Not Used.
02
<7:0>
Not Used.
03
<7:0>
Not Used.
PLL Settings
04
<5:0> A Counter
6-Bit A Counter <5:0>.
04
<7:6>
Not Used.
05
<4:0> B Counter MSBs
13-Bit B Counter (MSB) <12:8>.
05
<7:5>
Not Used.
06
<7:0> B Counter LSBs
13-Bit B Counter (LSB) <7:0>.
07
<1:0>
Not Used.
07
<2>
LOR Enable
1 = Enables the Loss-of-Reference (LOR) Function; (Default = 0b).
07
<4:3>
Not Used.
07
<6:5> LOR Initial Lock
Detect Delay
LOR Initial Lock Detect Delay. Once a lock detect is indicated, this is the number of phase frequency
detector (PFD) cycles that occur prior to turning on the LOR monitor.
<6>
<5>
LOR Initial Lock Detect Delay
0
0
3 PFD Cycles (Default)
0
1
6 PFD Cycles
1
0
12 PFD Cycles
1
1
24 PFD Cycles
07
<7>
Not Used
08
<1:0> Charge Pump
Mode
<1>
<0>
Charge Pump Mode
0
0
Tri-Stated (Default)
0
1
Pump-Up
1
0
Pump-Down
1
1
Normal Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com