Electronic Components Datasheet Search
  English  ▼

X  

AD9511BCPZ Datasheet(PDF) 55 Page - Analog Devices

Part # AD9511BCPZ
Description  1.2 GHz Clock Distribution IC, PLL Core, Dividers, Delay Adjust, Five Outputs
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9511BCPZ Datasheet(HTML) 55 Page - Analog Devices

Back Button AD9511BCPZ Datasheet HTML 51Page - Analog Devices AD9511BCPZ Datasheet HTML 52Page - Analog Devices AD9511BCPZ Datasheet HTML 53Page - Analog Devices AD9511BCPZ Datasheet HTML 54Page - Analog Devices AD9511BCPZ Datasheet HTML 55Page - Analog Devices AD9511BCPZ Datasheet HTML 56Page - Analog Devices AD9511BCPZ Datasheet HTML 57Page - Analog Devices AD9511BCPZ Datasheet HTML 58Page - Analog Devices AD9511BCPZ Datasheet HTML 59Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 60 page
background image
AD9511
Rev. B | Page 55 of 60
APPLICATIONS
USING THE AD9511 OUTPUTS FOR ADC CLOCK
APPLICATIONS
Any high speed analog-to-digital converter (ADC) is extremely
sensitive to the quality of the sampling clock provided by the
user. An ADC can be thought of as a sampling mixer; any
noise, distortion, or timing jitter on the clock is combined with
the desired signal at the A/D output. Clock integrity
requirements scale with the analog input frequency and
resolution, with higher analog input frequency applications at
≥14-bit resolution being the most stringent. The theoretical
SNR of an ADC is limited by the ADC resolution and the jitter
on the sampling clock. Considering an ideal ADC of infinite
resolution where the step size and quantization error can be
ignored, the available SNR can be expressed approximately by
j
ft
SNR
2π
1
log
20
where f is the highest analog frequency being digitized, and tj is
the rms jitter on the sampling clock. Figure 53 shows the
required sampling clock jitter as a function of the analog
frequency and effective number of bits (ENOB).
120
100
80
60
40
20
4
6
8
10
12
14
16
18
1
3
10
30
100
FULL-SCALE SINE WAVE ANALOG INPUT FREQUENCY (MHz)
tj = 50fs
tj = 0.1ps
tj = 1ps
tj = 10ps
tj = 100ps
tj = 1ns
SNR = 20log10
1
2
ftj
Figure 53. ENOB and SNR vs. Analog Input Frequency
See Application Notes AN-756 and AN-501 on the ADI website
at www.analog.com.
Many high performance ADCs feature differential clock inputs
to simplify the task of providing the required low jitter clock on
a noisy PCB. (Distributing a single-ended clock on a noisy PCB
can result in coupled noise on the sample clock. Differential
distribution has inherent common-mode rejection, which can
provide superior clock performance in a noisy environment.)
The AD9511 features both LVPECL and LVDS outputs that
provide differential clock outputs, which enable clock solutions
that maximize converter SNR performance. The input
requirements of the ADC (differential or single-ended, logic
level, termination) should be considered when selecting the
best clocking/converter solution.
CMOS CLOCK DISTRIBUTION
The AD9511 provides two clock outputs (OUT3 and OUT4),
which are selectable as either CMOS or LVDS levels. When
selected as CMOS, these outputs provide for driving devices
requiring CMOS level logic at their clock inputs.
Whenever single-ended CMOS clocking is used, some of the
following general guidelines should be followed.
Point-to-point nets should be designed such that a driver has
one receiver only on the net, if possible. This allows for simple
termination schemes and minimizes ringing due to possible
mismatched impedances on the net. Series termination at the
source is generally required to provide transmission line
matching and/or to reduce current transients at the driver. The
value of the resistor is dependent on the board design and
timing requirements (typically 10 Ω to 100 Ω is used). CMOS
outputs are limited in terms of the capacitive load or trace
length that they can drive. Typically, trace lengths less than
3 inches are recommended to preserve signal rise/fall times and
preserve signal integrity.
10
MICROSTRIP
GND
50pF
60.4
1.0 INCH
CMOS
Figure 54. Series Termination of CMOS Output
Termination at the far end of the PCB trace is a second option.
The CMOS outputs of the AD9511 do not supply enough
current to provide a full voltage swing with a low impedance
resistive, far-end termination, as shown in Figure 55. The far-
end termination network should match the PCB trace
impedance and provide the desired switching point. The
reduced signal swing can still meet receiver input requirements
in some applications. This may be useful when driving long
trace lengths on less critical nets.
50
10
OUT3, OUT4
SELECTED AS CMOS
VPULLUP = 3.3V
CMOS
3pF
100
100
Figure 55. CMOS Output with Far-End Termination



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com