Electronic Components Datasheet Search
  English  ▼

X  

AD9511BCPZ Datasheet(PDF) 29 Page - Analog Devices

Part # AD9511BCPZ
Description  1.2 GHz Clock Distribution IC, PLL Core, Dividers, Delay Adjust, Five Outputs
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9511BCPZ Datasheet(HTML) 29 Page - Analog Devices

Back Button AD9511BCPZ Datasheet HTML 25Page - Analog Devices AD9511BCPZ Datasheet HTML 26Page - Analog Devices AD9511BCPZ Datasheet HTML 27Page - Analog Devices AD9511BCPZ Datasheet HTML 28Page - Analog Devices AD9511BCPZ Datasheet HTML 29Page - Analog Devices AD9511BCPZ Datasheet HTML 30Page - Analog Devices AD9511BCPZ Datasheet HTML 31Page - Analog Devices AD9511BCPZ Datasheet HTML 32Page - Analog Devices AD9511BCPZ Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 60 page
background image
AD9511
Rev. B | Page 29 of 60
FUNCTIONAL DESCRIPTION
OVERALL
Figure 33 shows a block diagram of the AD9511. The chip
combines a programmable PLL core with a configurable clock
distribution system. A complete PLL requires the addition of a
suitable external VCO (or VCXO) and loop filter. This PLL can
lock to a reference input signal and produce an output that is
related to the input frequency by the ratio defined by the
programmable R and N dividers. The PLL cleans up some jitter
from the external reference signal, depending on the loop
bandwidth and the phase noise performance of the VCO
(VCXO).
The output from the VCO (VCXO) can be applied to the clock
distribution section of the chip, where it can be divided by any
integer value from 1 to 32. The duty cycle and relative phase of
the outputs can be selected. There are three LVPECL outputs
(OUT0, OUT1, and OUT2) and two outputs that can be either
LVDS or CMOS level outputs (OUT3 or OUT4). OUT4 can
also make use of a variable delay block.
Alternatively, the clock distribution section can be driven
directly by an external clock signal, and the PLL can be
powered off. Whenever the clock distribution section is used
alone, there is no clock clean-up. The jitter of the input clock
signal is passed along directly to the distribution section and
may dominate at the clock outputs.
PLL SECTION
The AD9511 consists of a PLL section and a distribution
section. If desired, the PLL section can be used separately from
the distribution section.
The AD9511 has a complete PLL core on-chip, requiring only
an external loop filter and VCO/VCXO. This PLL is based on
the ADF4106, a PLL noted for its superb low phase noise
performance. The operation of the AD9511 PLL is nearly
identical to that of the ADF4106, offering an advantage to those
with experience with the ADF series of PLLs. Differences
include the addition of differential inputs at REFIN and CLK2,
and a different control register architecture. Also, the prescaler
has been changed to allow N as low as 1. The AD9511 PLL
implements the digital lock detect feature somewhat differently
than the ADF4106 does, offering improved functionality at
higher PFD rates. See the Register Map Description section.
PLL Reference Input—REFIN
The REFIN/REFINB pins can be driven by either a differential
or a single-ended signal. These pins are internally self-biased so
that they can be ac-coupled via capacitors. It is possible to dc-
couple to these inputs. If REFIN is driven single-ended, the
unused side (REFINB) should be decoupled via a suitable
capacitor to a quiet ground. Figure 34 shows the equivalent
circuit of REFIN.
VS
REFIN
REFINB
150
150
10k
12k
10k
10k
Figure 34. REFIN Equivalent Circuit
VCO/VCXO Clock Input—CLK2
The CLK2 differential input is used to connect an external
VCO or VCXO to the PLL. Only the CLK2 input port has a
connection to the PLL N divider. This input can receive up to
1.6 GHz. These inputs are internally self-biased and must be ac-
coupled via capacitors.
Alternatively, CLK2 may be used as an input to the distribution
section. This is accomplished by setting Register 45h<0> = 0b.
The default condition is for CLK1 to feed the distribution section.
VS
CLOCK INPUT
STAGE
CLK
CLKB
5k
5k
2.5k
2.5k
Figure 35. CLK1, CLK2 Equivalent Input Circuit
PLL Reference Divider—R
The REFIN/REFINB inputs are routed to reference divider, R,
which is a 14-bit counter. R may be programmed to any value
from 1 to 16383 (a value of 0 results in a divide by 1) via its
control register (OBh<5:0>, OCh<7:0>). The output of the R
divider goes to one of the phase/frequency detector inputs. The
maximum allowable frequency into the phase, frequency
detector (PFD) must not be exceeded. This means that the
REFIN frequency divided by R must be less than the maximum
allowable PFD frequency. See Figure 34.
VCO/VCXO Feedback Divider—N (P, A, B)
The N divider is a combination of a prescaler, P, (3 bits) and
two counters, A (6 bits) and B (13 bits). Although the AD9511’s
PLL is similar to the ADF4106, the AD9511 has a redesigned
prescaler that allows lower values of N. The prescaler has both a
dual modulus (DM) and a fixed divide (FD) mode. The
AD9511 prescaler modes are shown in Table 14.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com