Electronic Components Datasheet Search
  English  ▼

X  

ADG659 Datasheet(PDF) 6 Page - Analog Devices

Part # ADG659
Description  3 V/5 V/±5 V CMOS 4- and 8-Channel Analog Multiplexers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG659 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADG659 Datasheet HTML 2Page - Analog Devices ADG659 Datasheet HTML 3Page - Analog Devices ADG659 Datasheet HTML 4Page - Analog Devices ADG659 Datasheet HTML 5Page - Analog Devices ADG659 Datasheet HTML 6Page - Analog Devices ADG659 Datasheet HTML 7Page - Analog Devices ADG659 Datasheet HTML 8Page - Analog Devices ADG659 Datasheet HTML 9Page - Analog Devices ADG659 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ADG658/ADG659
Data Sheet
Rev. D | Page 6 of 20
B Version
Y Version
Parameter
+25°C
−40°C
to +85°C
−40°C
to +125°C
Unit
Test Conditions/Comments
CD, CS (ON)
ADG658
30
pF typ
f = 1 MHz
ADG659
16
pF typ
f = 1 MHz
POWER REQUIREMENTS
VDD = 5.5 V
IDD
0.01
µA typ
Digital Inputs = 0 V or 5.5 V
1
µA max
1
Guaranteed by design; not subject to production test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com