Electronic Components Datasheet Search
  English  ▼

X  

ADG659 Datasheet(PDF) 16 Page - Analog Devices

Part # ADG659
Description  3 V/5 V/±5 V CMOS 4- and 8-Channel Analog Multiplexers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG659 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADG659 Datasheet HTML 12Page - Analog Devices ADG659 Datasheet HTML 13Page - Analog Devices ADG659 Datasheet HTML 14Page - Analog Devices ADG659 Datasheet HTML 15Page - Analog Devices ADG659 Datasheet HTML 16Page - Analog Devices ADG659 Datasheet HTML 17Page - Analog Devices ADG659 Datasheet HTML 18Page - Analog Devices ADG659 Datasheet HTML 19Page - Analog Devices ADG659 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
ADG658/ADG659
Data Sheet
Rev. D | Page 16 of 20
TEST CIRCUITS
IDS
V1
S
D
VS
RON = V1/IDS
Figure 21. ON Resistance
VDD
S1
D
VD
VSS
VS
VDD
VSS
S2
S8
GND
EN
LOGIC 1
A
IS (OFF)
Figure 22. IS (OFF)
VDD
S1
D
VS
VSS
VO
S2
S8
GND
LOGIC 1
A
ID (OFF)
VDD
VSS
EN
Figure 23. ID (OFF)
VDD
S1
D
VS
VSS
VD
S8
GND
A
ID (ON)
VDD
VSS
EN
Figure 24. ID (ON)
VDD
VSS
VS1
VS8
VOUT
50
Ω
RL
300
Ω
VIN
A2
A1
A0
GND
S1
S8
D
ADG658*
90%
90%
50%
50%
3V
0V
VS1
VOUT
VS8
VDD
VSS
* SIMILAR CONNECTION FOR ADG659
CL
35pF
ADDRESS
DRIVE (VIN)
t
TRANSITION
t
TRANSITION
EN
S2–S7
Figure 25. Switching Time of Multiplexer, tTRANSITION
VDD
VSS
VS
VOUT
VIN
A2
A1
A0
GND
S1
S2–S7
S8
D
ADG658*
t
BBM
80%
3V
0V
VOUT
* SIMILAR CONNECTION FOR ADG659
80%
ADDRESS
DRIVE (VIN)
VDD
VSS
50
Ω
RL
300
Ω
CL
35pF
EN
Figure 26. Break-Before-Make Delay, tBBM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com