Electronic Components Datasheet Search
  English  ▼

X  

ADG659 Datasheet(PDF) 9 Page - Analog Devices

Part # ADG659
Description  3 V/5 V/±5 V CMOS 4- and 8-Channel Analog Multiplexers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG659 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADG659 Datasheet HTML 5Page - Analog Devices ADG659 Datasheet HTML 6Page - Analog Devices ADG659 Datasheet HTML 7Page - Analog Devices ADG659 Datasheet HTML 8Page - Analog Devices ADG659 Datasheet HTML 9Page - Analog Devices ADG659 Datasheet HTML 10Page - Analog Devices ADG659 Datasheet HTML 11Page - Analog Devices ADG659 Datasheet HTML 12Page - Analog Devices ADG659 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Data Sheet
ADG658/ADG659
Rev. D | Page 9 of 20
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 4.
Parameter
Rating
VDD to VSS
13 V
VDD to GND
−0.3 V to +13 V
VSS to GND
+0.3 V to −6.5 V
Analog Inputs1
VSS − 0.3 V to VDD + 0.3 V
Digital Inputs1
GND − 0.3 V to VDD + 0.3 V
or 10 mA, whichever
occurs first
Peak Current, S or D
40 mA
(Pulsed at 1 ms, 10% duty cycle max)
Continuous Current, S or D
20 mA
Operating Temperature Range
Automotive (Y Version)
−40°C to +125°C
Industrial (B Version)
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature
150°C
θJA Thermal Impedance
16-Lead QSOP
104°C/W
16-Lead TSSOP
150.4°C/W
16-Lead LFCSP (4-Layer Board)
70°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec)
215°C
Infrared (15 sec)
220°C
ESD
5.5 kV
1
Over voltages at AX, EN, S, or D are clamped by internal diodes. Current must
be limited to the maximum ratings.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com