Electronic Components Datasheet Search
  English  ▼

X  

ADG659 Datasheet(PDF) 2 Page - Analog Devices

Part # ADG659
Description  3 V/5 V/±5 V CMOS 4- and 8-Channel Analog Multiplexers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG659 Datasheet(HTML) 2 Page - Analog Devices

  ADG659 Datasheet HTML 1Page - Analog Devices ADG659 Datasheet HTML 2Page - Analog Devices ADG659 Datasheet HTML 3Page - Analog Devices ADG659 Datasheet HTML 4Page - Analog Devices ADG659 Datasheet HTML 5Page - Analog Devices ADG659 Datasheet HTML 6Page - Analog Devices ADG659 Datasheet HTML 7Page - Analog Devices ADG659 Datasheet HTML 8Page - Analog Devices ADG659 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ADG658/ADG659
Data Sheet
Rev. D | Page 2 of 20
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagram .............................................................. 1
General Description ......................................................................... 1
Product Highlights ........................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Dual Supply ................................................................................... 3
5 V Single Supply.......................................................................... 5
2.7 V to 3.6 V Single Supply........................................................ 7
Absolute Maximum Ratings ............................................................9
ESD Caution...................................................................................9
Pin Configurations and Function Descriptions......................... 11
Typical Performance Characteristics ........................................... 12
Terminology.................................................................................... 15
Test Circuits..................................................................................... 16
Outline Dimensions....................................................................... 19
Ordering Guide .......................................................................... 20
Automotive Products................................................................. 20
REVISION HISTORY
11/2016—Rev. C to Rev. D
Changes to Figure 3 and Table 7................................................... 11
Updated Outline Dimensions....................................................... 19
Changes to Ordering Guide .......................................................... 20
9/2014—Rev. B to Rev. C
Moved Terminology Section......................................................... 15
Updated Outline Dimensions....................................................... 19
Changes to Ordering Guide .......................................................... 20
2/2009—Rev. A to Rev. B
Changes to Ordering Guide.......................................................... 20
7/2004—Rev. 0 to Rev. A
Updated Format..................................................................Universal
Added QSOP Package Outline ..................................................... 20
Changes to Ordering Guide.......................................................... 20
3/03—Rev. 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com