Electronic Components Datasheet Search
  English  ▼

X  

ADG659 Datasheet(PDF) 20 Page - Analog Devices

Part # ADG659
Description  3 V/5 V/±5 V CMOS 4- and 8-Channel Analog Multiplexers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG659 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADG659 Datasheet HTML 12Page - Analog Devices ADG659 Datasheet HTML 13Page - Analog Devices ADG659 Datasheet HTML 14Page - Analog Devices ADG659 Datasheet HTML 15Page - Analog Devices ADG659 Datasheet HTML 16Page - Analog Devices ADG659 Datasheet HTML 17Page - Analog Devices ADG659 Datasheet HTML 18Page - Analog Devices ADG659 Datasheet HTML 19Page - Analog Devices ADG659 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
ADG658/ADG659
Data Sheet
Rev. D | Page 20 of 20
COMPLIANT TO JEDEC STANDARDS MO-137-AB
CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
16
9
8
1
SEATING
PLANE
0.010 (0.25)
0.004 (0.10)
0.012 (0.30)
0.008 (0.20)
0.025 (0.64)
BSC
0.041 (1.04)
REF
0.010 (0.25)
0.006 (0.15)
0.050 (1.27)
0.016 (0.41)
0.020 (0.51)
0.010 (0.25)
8°
0°
COPLANARITY
0.004 (0.10)
0.065 (1.65)
0.049 (1.25)
0.069 (1.75)
0.053 (1.35)
0.197 (5.00)
0.193 (4.90)
0.189 (4.80)
0.158 (4.01)
0.154 (3.91)
0.150 (3.81)
0.244 (6.20)
0.236 (5.99)
0.228 (5.79)
Figure 34. 16-Lead Shrink Small Outline Package [QSOP]
(RQ-16)
Dimensions shown in inches and (millimeters)
ORDERING GUIDE
Model1, 2
Temperature Range
Package Description
Package Option
ADG658YRU
−40°C to +125°C
16-Lead Thin Shrink Small Outline Package [TSSOP]
RU-16
ADG658YRU-REEL7
−40°C to +125°C
16-Lead Thin Shrink Small Outline Package [TSSOP]
RU-16
ADG658YRUZ
−40°C to +125°C
16-Lead Thin Shrink Small Outline Package [TSSOP]
RU-16
ADG658YRUZ-REEL7
−40°C to +125°C
16-Lead Thin Shrink Small Outline Package [TSSOP]
RU-16
ADG658YCPZ
−40°C to +85°C
16-Lead Lead Frame Chip Scale Package [LFCSP]
CP-16-23
ADG658YCPZ-REEL7
−40°C to +85°C
16-Lead Lead Frame Chip Scale Package [LFCSP]
CP-16-23
ADG658YRQ
−40°C to +125°C
16-Lead Shrink Small Outline Package [QSOP]
RQ-16
ADG658YRQZ
−40°C to +125°C
16-Lead Shrink Small Outline Package [QSOP]
RQ-16
ADG658YRQZ-REEL7
−40°C to +125°C
16-Lead Shrink Small Outline Package [QSOP]
RQ-16
ADW54003-0
−40°C to +125°C
16-Lead Thin Shrink Small Outline Package [TSSOP]
RU-16
ADW54003-0RL7
−40°C to +125°C
16-Lead Thin Shrink Small Outline Package [TSSOP]
RU-16
ADG659YRU
−40°C to +125°C
16-Lead Thin Shrink Small Outline Package [TSSOP]
RU-16
ADG659YRUZ
−40°C to +125°C
16-Lead Thin Shrink Small Outline Package [TSSOP]
RU-16
ADG659YRUZ-REEL7
−40°C to +125°C
16-Lead Thin Shrink Small Outline Package [TSSOP]
RU-16
ADG659WYRUZ-REEL7
−40°C to +125°C
16-Lead Thin Shrink Small Outline Package [TSSOP]
RU-16
ADG659YCPZ
−40°C to +85°C
16-Lead Lead Frame Chip Scale Package [LFCSP]
CP-16-23
ADG659YCPZ-REEL7
−40°C to +85°C
16-Lead Lead Frame Chip Scale Package [LFCSP]
CP-16-23
ADG659YRQZ
−40°C to +125°C
16-Lead Shrink Small Outline Package [QSOP]
RQ-16
1
Z = RoHS Compliant Part.
2
W = Qualified for Automotive Applications.
AUTOMOTIVE PRODUCTS
The ADW54003 models are available with controlled manufacturing to support the quality and reliability requirements of automotive
applications. Note that these automotive models may have specifications that differ from the commercial models; therefore, designers
should review the Specifications section of this data sheet carefully. Only the automotive grade products shown are available for use in
automotive applications. Contact your local Analog Devices account representative for specific product ordering information and to
obtain the specific Automotive Reliability reports for these models.
©2004–2016 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D03273-0-11/16(D)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com