Electronic Components Datasheet Search
  English  ▼

X  

LTC2872 Datasheet(PDF) 4 Page - Analog Devices

Part # LTC2872
Description  LTC2872 Dual Multiprotocol Transceiver with Integrated Termination
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2872 Datasheet(HTML) 4 Page - Analog Devices

  LTC2872 Datasheet HTML 1Page - Analog Devices LTC2872 Datasheet HTML 2Page - Analog Devices LTC2872 Datasheet HTML 3Page - Analog Devices LTC2872 Datasheet HTML 4Page - Analog Devices LTC2872 Datasheet HTML 5Page - Analog Devices LTC2872 Datasheet HTML 6Page - Analog Devices LTC2872 Datasheet HTML 7Page - Analog Devices LTC2872 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
dc1851af
DEMO MANUAL DC1851A
The LTC2872 may be made to self-oscillate as a ring
oscillator by connecting the drivers and receivers in one
all-encompassing loop, and adding one inversion. The
inversion may be introduced with a logic inverter, or by
cross-connecting the RS485 driver and receiver in full-
duplex mode (connect Y to B and Z to A). The connection
arrangement shown in Figure 2 forms a ring oscillator
when used with the default jumper conditions. With VCC =
VL = 3.3V, the frequency of oscillation is typically 260kHz.
QUICK START PROCEDURE
LOGIC SUPPLY, VL
1.7V TO VCC
–
+
MAIN SUPPLY, VCC
3.0V TO 5.5V
–
+
dc1851 F01
LOGIC
SIGNALS
I/O
SIGNALS
CONTROL LINES
Figure 1. Basic Test Setup. As Shown, Channel 1 is Configured for Full-Duplex RS485, While Channel 2 Is Configured for 2 + 2 RS232.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com