Electronic Components Datasheet Search
  English  ▼

X  

LTC2872 Datasheet(PDF) 2 Page - Analog Devices

Part # LTC2872
Description  LTC2872 Dual Multiprotocol Transceiver with Integrated Termination
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2872 Datasheet(HTML) 2 Page - Analog Devices

  LTC2872 Datasheet HTML 1Page - Analog Devices LTC2872 Datasheet HTML 2Page - Analog Devices LTC2872 Datasheet HTML 3Page - Analog Devices LTC2872 Datasheet HTML 4Page - Analog Devices LTC2872 Datasheet HTML 5Page - Analog Devices LTC2872 Datasheet HTML 6Page - Analog Devices LTC2872 Datasheet HTML 7Page - Analog Devices LTC2872 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
dc1851af
DEMO MANUAL DC1851A
QUICK START PROCEDURE
Overview
The LTC2872 dual multiprotocol transceiver contains two
identical channels, each comprising two RS232 drivers,
two RS232 receivers, and one RS485 driver and receiver.
The two channels are largely independent, sharing only
loopback and duplex control and a split supply generator.
Operating power is derived from the VCC input, while a
separate logic I/O supply pin (VL) permits the LTC2872
to adapt to any logic level ranging from 1.7V up to VCC.
Another key feature is that RS232 and RS485 inputs and
outputs may be interconnected without regard to loading
or voltage limitations. Allowing that only one interface
type is enabled at any given moment, input and output
characteristics of the selected standard are preserved
without violating the limits of the disabled sections. The
LTC2872 also includes selectable RS485 terminations, as
well as switching for half- and full-duplex modes, permit-
ting full digital control and eliminating the need for external
jumpers or relays to change between modes.
DC1851A includes:
• Bananas and turrets for supply connections along the
upper edge of the board.
• Green LEDs to indicate the presence of VCC and VL. Note
that the VL LED, D1, unavoidably dims and extinguishes
at VL < 2V.
• Turrets for logic I/O along the left edge of the board.
• Turrets for RS232 and RS485 interface connections
along the right edge of the board.
• Terminal blocks J5 and J6 for RS485 connections.
• Turrets and jumpers for selecting modes along bot-
tom edge of board. There are no pull-up or pull-down
resistors on the control lines; known states must be
asserted by jumpers or by applying a definitive logic
level to the turrets.
• 10k pull-up resistors on driver inputs DY1, DZ1, DY2
and DZ2. They assert a known logic-1 state when these
turrets are left open circuit.
In summary, DC1851A features a turret for each and every
LTC2872 logic, interface and supply pin. In addition the
supply pins have banana jacks, and the control pins are
connected to jumper blocks to establish their states.
Components
Components on DC1851A are divided into four basic
groups:
• R1-R11: 100Ω resistors included in series with the con-
trol signal turrets to limit fault current arising from any
accidental misadventures with the turrets or jumpers.
• D1, D2, R16, R17: VCC and VL supply indicator LEDs
and current limiting resistors.
• R12-R15: 10kΩ pull-ups to VL on DY1, DZ1, DY2 and
DZ2.
• C1-C5, L1: supply generation and bypassing compo-
nents for the LTC2872 (U1).
LTC2872 Operation
Each channel of the LTC2872 contains two RS232 drivers,
two RS232 receivers, one RS485 driver and one RS485
receiver. The 485/232 control lines enable either the RS485
or RS232 elements for each channel.
The RS485 transceiver includes a special half-/full-duplex
switching feature. In full-duplex mode, the receiver inputs
are connected to the A and B pins, while the driver is
connected to Y and Z. In half-duplex mode, the receiver
inputs are moved to Y and Z so that there is no need to
jumper A-B and Y-Z when switching between half- and
full-duplex modes.
RS485 terminations are included in the LTC2872. The
terminations are controlled by a termination enable control
line, TE485.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com