Electronic Components Datasheet Search
  English  ▼

X  

LTC2872 Datasheet(PDF) 6 Page - Analog Devices

Part # LTC2872
Description  LTC2872 Dual Multiprotocol Transceiver with Integrated Termination
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2872 Datasheet(HTML) 6 Page - Analog Devices

  LTC2872 Datasheet HTML 1Page - Analog Devices LTC2872 Datasheet HTML 2Page - Analog Devices LTC2872 Datasheet HTML 3Page - Analog Devices LTC2872 Datasheet HTML 4Page - Analog Devices LTC2872 Datasheet HTML 5Page - Analog Devices LTC2872 Datasheet HTML 6Page - Analog Devices LTC2872 Datasheet HTML 7Page - Analog Devices LTC2872 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
dc1851af
DEMO MANUAL DC1851A
PARTS LIST
REFERENCE
PART DESCRIPTION
MANUFACTURER/PART NUMBER
C1
CAP, 0805, 470nF, 10%, 25V, X5R
AVX 08053D474KAT2A
C2, C3, C4
CAP, 0805, 2.2μF, 10%, 25V, X7R
AVX 08053C225KAT2A
C5
CAP, 0805 100nF, 10%, 25V, X7R
AVX 08053C104KAT2A
D1, D2
LED, GREEN
PANASONIC LN1351C-(TR)
L1
IND, 2016, 22μF, 200mA
TAIYO YUDEN BRC2016T220M
R1-R11
RES, 1206, 100Ω, 5%, 1/4W
VISHAY CRCW1206100RJNEA
R12, R13, R14, R15
RES, 0603, 10kΩ, 5%, 1/10W
VISHAY CRCW060310K0JNEA
R16, R17
RES, 0603, 330Ω, 5%, 1/10W
NIC NRC0603J331TRF
U1
IC, RS232/RS485 DUAL MULTIPROTOCOL
TRANSCEIVER
LINEAR TECH. LTC2872IUHF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com