Electronic Components Datasheet Search
  English  ▼

X  

LTC2872 Datasheet(PDF) 1 Page - Analog Devices

Part # LTC2872
Description  LTC2872 Dual Multiprotocol Transceiver with Integrated Termination
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2872 Datasheet(HTML) 1 Page - Analog Devices

  LTC2872 Datasheet HTML 1Page - Analog Devices LTC2872 Datasheet HTML 2Page - Analog Devices LTC2872 Datasheet HTML 3Page - Analog Devices LTC2872 Datasheet HTML 4Page - Analog Devices LTC2872 Datasheet HTML 5Page - Analog Devices LTC2872 Datasheet HTML 6Page - Analog Devices LTC2872 Datasheet HTML 7Page - Analog Devices LTC2872 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
dc1851af
DEMO MANUAL DC1851A
DESCRIPTION
LTC2872
Dual Multiprotocol Transceiver
with Integrated Termination
Demonstration circuit 1851A showcases the LTC®2872
RS232/RS485 dual multiprotocol transceiver with inte-
grated termination. Separate supply inputs power the
interface and logic sections, permitting operation of the
logic control and I/O down to 1.7V. LEDs indicate when
supplies are present. Control pins are accessible via tur-
rets for external connections, or they may be set high or
low by means of a jumper. All logic I/O and interface I/O
is routed to turrets. The RS485 interface lines are also
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
PERFORMANCE SUMMARY
available at a terminal block for convenient connection of
a transmission line. Because the LTC2872 contains half-/
full-duplex switching, it is unnecessary to jumper A and
B to Y and Z for half-duplex operation.
Design files for this circuit board are available at
http://www.linear.com/demo
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Supply
VCC Operating
VL Operating
3.0
1.7
5.5
VCC
V
V
Maximum Data Rate
RS232
RS485
500
20
kbps
Mbps
Specifications are at TA = 25°C


Similar Part No. - LTC2872

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC2872 AD-LTC2872 Datasheet
1Mb / 32P
Single-Bus RS485/RS232 Multiprotocol Transceiver with Switchable Termination
04/18-REV.B
More results

Similar Description - LTC2872

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1546 LINER-LTC1546 Datasheet
265Kb / 20P
Software-Selectable Multiprotocol Transceiver with Termination
LTC2846 LINER-LTC2846 Datasheet
322Kb / 24P
3.3V Software-Selectable Multiprotocol Transceiver with Termination
LTC2847 LINER-LTC2847 Datasheet
239Kb / 20P
Software-Selectable Multiprotocol Transceiver with Termination and 3.3V Digital Interface
LTC2870 LINER-LTC2870 Datasheet
401Kb / 36P
RS232/RS485 Multiprotocol Transceivers with Integrated Termination
LTC1546 LINER-LTC1546_15 Datasheet
288Kb / 20P
Software-Selectable Multiprotocol Transceiver with Termination
LTC2846 LINER-LTC2846_15 Datasheet
288Kb / 24P
3.3V Software-Selectable Multiprotocol Transceiver with Termination
LTC2847 LINER-LTC2847_15 Datasheet
249Kb / 20P
Software-Selectable Multiprotocol Transceiver with Termination and 3.3V Digital Interface
LTC2870 LINER-LTC2870_15 Datasheet
1Mb / 42P
RS232/RS485 Multiprotocol Transceivers with Integrated Termination
LTC2871 LINER-LTC2871_15 Datasheet
1Mb / 42P
RS232/RS485 Multiprotocol Transceivers with Integrated Termination
logo
Analog Devices
LTC2873 AD-LTC2873 Datasheet
1Mb / 32P
Single-Bus RS485/RS232 Multiprotocol Transceiver with Switchable Termination
04/18-REV.B
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com