Electronic Components Datasheet Search
  English  ▼

X  

WS2812 Datasheet(PDF) 19 Page - Raspberry Pi Holdings PLC

Part # WS2812
Description  Created by Phillip Burgess
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RASPBERRY-PI [Raspberry Pi Holdings PLC]
Direct Link  https://www.raspberrypi.com/
Logo RASPBERRY-PI - Raspberry Pi Holdings PLC

WS2812 Datasheet(HTML) 19 Page - Raspberry Pi Holdings PLC

Back Button WS2812 Datasheet HTML 15Page - Raspberry Pi Holdings PLC WS2812 Datasheet HTML 16Page - Raspberry Pi Holdings PLC WS2812 Datasheet HTML 17Page - Raspberry Pi Holdings PLC WS2812 Datasheet HTML 18Page - Raspberry Pi Holdings PLC WS2812 Datasheet HTML 19Page - Raspberry Pi Holdings PLC WS2812 Datasheet HTML 20Page - Raspberry Pi Holdings PLC WS2812 Datasheet HTML 21Page - Raspberry Pi Holdings PLC WS2812 Datasheet HTML 22Page - Raspberry Pi Holdings PLC WS2812 Datasheet HTML 23Page - Raspberry Pi Holdings PLC Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 98 page
background image
All rings are about 3.6 millimeters / 0.15" thick (1.6 mm for PCB, 2 mm for NeoPixels).
RGB NeoPixels are the most affordable and can
produce
millions of color combinations.
RGBW NeoPixels offer an eye-pleasing “true” white in
addition to RGB. These are available in three different
color temperaures:
Cool white: approximately 6000 Kelvin (K).
Neutral: approx 4500K.
Warm white: approx. 3000K.
RGBW pixels incorporate a translucent diffuser layer to
help mix and soften the light output. This makes them
appear less intense than RGB pixels (which are “water
clear”), but it’s really the same LEDs inside.
Number of Pixels
Outer Diameter
Inner Diameter
12
37 mm / 1.5"
23 mm / 1"
16
44.5 mm / 1.75"
31.75 mm / 1.25"
24
66 mm / 2.6"
52.5 mm / 2.05"
60 (4x 15-pixel arcs)
158 mm / 6.2"
145 mm / 5.7"
© Adafruit Industries
https://learn.adafruit.com/adafruit-neopixel-uberguide
Page 22 of 101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com