Electronic Components Datasheet Search
  English  ▼

X  

WS2812 Datasheet(PDF) 70 Page - Raspberry Pi Holdings PLC

Part # WS2812
Description  Created by Phillip Burgess
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RASPBERRY-PI [Raspberry Pi Holdings PLC]
Direct Link  https://www.raspberrypi.com/
Logo RASPBERRY-PI - Raspberry Pi Holdings PLC

WS2812 Datasheet(HTML) 70 Page - Raspberry Pi Holdings PLC

Back Button WS2812 Datasheet HTML 66Page - Raspberry Pi Holdings PLC WS2812 Datasheet HTML 67Page - Raspberry Pi Holdings PLC WS2812 Datasheet HTML 68Page - Raspberry Pi Holdings PLC WS2812 Datasheet HTML 69Page - Raspberry Pi Holdings PLC WS2812 Datasheet HTML 70Page - Raspberry Pi Holdings PLC WS2812 Datasheet HTML 71Page - Raspberry Pi Holdings PLC WS2812 Datasheet HTML 72Page - Raspberry Pi Holdings PLC WS2812 Datasheet HTML 73Page - Raspberry Pi Holdings PLC WS2812 Datasheet HTML 74Page - Raspberry Pi Holdings PLC Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 98 page
background image
Tiled Matrices
A
tiled matrix is comprised of multiple smaller NeoPixel matrices. This is sometimes easier for assembly or for
distributing power. All of the sub-matrices need to be the same size, and must be ordered in a predictable manner. The
Adafruit_NeoMatrix() constructor then receives some additional arguments:
Adafruit_NeoMatrix matrix = Adafruit_NeoMatrix(
matrixWidth, matrixHeight, tilesX, tilesY, pin, matrixType, ledType);
The first two arguments are the width and height, in pixels, of each tiled sub-matrix, not the entire display.
The next two arguments are the number of tiles, in the horizontal and vertical direction. The dimensions of the overall
display then will always be a multiple of the sub-matrix dimensions.
The fifth argument is the pin number, same as before and as with the NeoPixel library. The last argument also follows
prior behaviors, and in most cases can be left off.
The second-to-last argument though…this gets complicated…
With a single matrix, there was a starting corner, a major axis (rows or columns) and a line sequence (progressive or
zigzag). This is now doubled — similar information is needed both for the pixel order within the individual tiles, and the
overall arrangement of tiles in the display. As before, we add up a list of symbols to produce a single argument
describing the display format.
The NEO_MATRIX_* symbols work the same as in the prior single-matrix case, and now refer to the individual sub-
matrices within the overall display. All tiles must follow the same format. An additional set of symbols work similarly to
then describe the tile order.
The first tile must be located at one of the four corners. Add either NEO_TILE_TOP or NEO_TILE_BOTTOM and
NEO_TILE_LEFT or NEO_TILE_RIGHT to indicate the position of the first tile. This is independent of the position of the
first pixel within the tiles; they can be different corners.
Tiles can be arranged in horizontal rows or vertical columns. Again this is independent of the pixel order within the
tiles. Add either NEO_TILE_ROWS or NEO_TILE_COLUMNS.
Finally, rows or columns of tiles may be arranged in progressive or zigzag order; that is, every row or column proceeds
in the same order, or alternating rows/columns switch direction. Add either NEO_TILE_PROGRESSIVE or
NEO_TILE_ZIGZAG to indicate the order. BUT…if NEO_TILE_ZIGZAG order is selected, alternate lines of tiles must be
rotated 180 degrees. This is intentional and by design; it keeps the tile-to-tile wiring more consistent and simple. This
rotation is not required for NEO_TILE_PROGRESSIVE.
© Adafruit Industries
https://learn.adafruit.com/adafruit-neopixel-uberguide
Page 73 of 101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com