Electronic Components Datasheet Search
  English  ▼

X  

WS2812 Datasheet(PDF) 22 Page - Raspberry Pi Holdings PLC

Part # WS2812
Description  Created by Phillip Burgess
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RASPBERRY-PI [Raspberry Pi Holdings PLC]
Direct Link  https://www.raspberrypi.com/
Logo RASPBERRY-PI - Raspberry Pi Holdings PLC

WS2812 Datasheet(HTML) 22 Page - Raspberry Pi Holdings PLC

Back Button WS2812 Datasheet HTML 18Page - Raspberry Pi Holdings PLC WS2812 Datasheet HTML 19Page - Raspberry Pi Holdings PLC WS2812 Datasheet HTML 20Page - Raspberry Pi Holdings PLC WS2812 Datasheet HTML 21Page - Raspberry Pi Holdings PLC WS2812 Datasheet HTML 22Page - Raspberry Pi Holdings PLC WS2812 Datasheet HTML 23Page - Raspberry Pi Holdings PLC WS2812 Datasheet HTML 24Page - Raspberry Pi Holdings PLC WS2812 Datasheet HTML 25Page - Raspberry Pi Holdings PLC WS2812 Datasheet HTML 26Page - Raspberry Pi Holdings PLC Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 98 page
background image
NeoPixel
Matrices
NeoPixel matrices are two-dimensional grids of NeoPixels, all controlled from a single microcontroller pin.
Rigid 8x8 NeoPixel Matrices
Like NeoPixel rings, these 64-pixel matrices are assembled on a rigid printed circuit board and are available in both
RGB and RGBW varieties.
NeoPixel Matrix Product Selector (http://adafru.it/3052)
All measure 71 millimeters (2.8 inches) square and about 3.6 mm thick. There are several mounting holes, and the
DOUT pin allows multiple matrices to be linked in series.
RGB NeoPixels are the most affordable and can produce millions of color combinations.
RGBW NeoPixels offer an eye-pleasing “true” white in addition to RGB. These are available in three different color
temperaures:
Cool white: approximately 6000 Kelvin (K).
Neutral: approx 4500K.
Warm white: approx. 3000K.
RGBW pixels incorporate a translucent diffuser layer to help mix and soften the light output. This makes them appear
less intense than RGB pixels (which are “water clear”), but it’s really the same LEDs inside.
Flexible NeoPixel Matrices
© Adafruit Industries
https://learn.adafruit.com/adafruit-neopixel-uberguide
Page 25 of 101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com