Electronic Components Datasheet Search
  English  ▼

X  

WS2812 Datasheet(PDF) 62 Page - Raspberry Pi Holdings PLC

Part # WS2812
Description  Created by Phillip Burgess
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RASPBERRY-PI [Raspberry Pi Holdings PLC]
Direct Link  https://www.raspberrypi.com/
Logo RASPBERRY-PI - Raspberry Pi Holdings PLC

WS2812 Datasheet(HTML) 62 Page - Raspberry Pi Holdings PLC

Back Button WS2812 Datasheet HTML 58Page - Raspberry Pi Holdings PLC WS2812 Datasheet HTML 59Page - Raspberry Pi Holdings PLC WS2812 Datasheet HTML 60Page - Raspberry Pi Holdings PLC WS2812 Datasheet HTML 61Page - Raspberry Pi Holdings PLC WS2812 Datasheet HTML 62Page - Raspberry Pi Holdings PLC WS2812 Datasheet HTML 63Page - Raspberry Pi Holdings PLC WS2812 Datasheet HTML 64Page - Raspberry Pi Holdings PLC WS2812 Datasheet HTML 65Page - Raspberry Pi Holdings PLC WS2812 Datasheet HTML 66Page - Raspberry Pi Holdings PLC Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 98 page
background image
Adafruit_NeoPixel strip_a = Adafruit_NeoPixel(16, 5);
Adafruit_NeoPixel strip_b = Adafruit_NeoPixel(16, 6);
The above declares two distinct NeoPixel objects, one each on pins 5 and 6, each containing 16 pixels and using the
implied default type (NEO_KHZ800 + NEO_GRB).
Can I connect multiple NeoPixel strips to the same Arduino pin?
In many cases, yes. All the strips will then show exactly the same thing. This only works up to a point though…four
strips on a single pin is a good and reliable number. If you need more than that, individual NeoPixels can be used as
buffers to “fan out” to more strips: connect one Arduino pin to the inputs of four separate NeoPixels, then connect
each pixels’ output to the inputs of four strips (or fewer, if you don’t need quite that many). If the strips are 10 pixels
long, declare the NeoPixel object as having 11 pixels. The extra “buffer” pixels will be at position #0 — just leave
them turned off — and the strips then run from positions 1 through 10.
© Adafruit Industries
https://learn.adafruit.com/adafruit-neopixel-uberguide
Page 65 of 101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com