| Electronic Components Datasheet Search |
|
WS2812 Datasheet(PDF) 58 Page - Raspberry Pi Holdings PLC |
|
|
|||||||||||||||||||||||||||||
WS2812 Datasheet(HTML) 58 Page - Raspberry Pi Holdings PLC |
|
58 / 98 page ![]() uint32_t color = strip.getPixelColor(11); This returns a 32-bit merged RGB color value. This isalways RGB, even if the “ColorHSV()” function (described below) was used. The number of pixels in a previously-declared strip can be queried using numPixels(): uint16_t n = strip.numPixels(); The overall brightness of all the LEDs can be adjusted using setBrightness(). This takes a single argument, a number in the range 0 (off) to 255 (max brightness). For example, to set a strip to 1/4 brightness: strip.setBrightness(64); Just like setPixel(), this does not have an immediate effect. You need to follow this with a call to show(). setBrightness() was intended to be called once, in setup(), to limit the current/brightness of the LEDs throughout the life of the sketch. It is not intended as an animation effect itself! The operation of this function is “lossy” — it modifies the current pixel data in RAM, not in the show() call — in order to meet NeoPixels’ strict timing requirements. Certain animation effects are better served by leaving the brightness setting at the default maximum, modulating pixel brightness in your own sketch logic and redrawing the full strip with setPixel(). HSV (Hue-Saturation-Value) Colors… The NeoPixel library has some support for colors in the “HSV” (hue-saturation-value) color space. This is a different way of specifying colors than the usual RGB (red-green-blue). Some folks find it easier or more “natural” to think about…or quite often it’s just easier for certain color effects (the popular rainbow cycle and such). In the NeoPixel library, hue is expressed as a 16-bit number. Starting from 0 for red, this increments first toward yellow (around 65536/6, or 10922 give or take a bit), and on through green, cyan (at the halfway point of 32768), blue, magenta and back to red. In your own code, you can allow any hue-related variables to overflow or underflow and they’ll “wrap around” and do the correct and expected thing, it’s really nice. Saturation determines the intensity or purity of the color…this is an 8-bit number ranging from 0 (no saturation, just grayscale) to 255 (maximum saturation, pure hue). In the middle, you’ll start to get sort of pastel tones. Value determines the brightness of a color…it’s also an 8-bit number ranging from 0 (black, regardless of hue or saturation) to 255 (maximum brightness). © Adafruit Industries https://learn.adafruit.com/adafruit-neopixel-uberguide Page 61 of 101 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |