Electronic Components Datasheet Search
  English  ▼

X  

B41456 Datasheet(PDF) 9 Page - EPCOS

Part # B41456
Description  Aluminum electrolytic capacitors
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41456 Datasheet(HTML) 9 Page - EPCOS

Back Button B41456 Datasheet HTML 5Page - EPCOS B41456 Datasheet HTML 6Page - EPCOS B41456 Datasheet HTML 7Page - EPCOS B41456 Datasheet HTML 8Page - EPCOS B41456 Datasheet HTML 9Page - EPCOS B41456 Datasheet HTML 10Page - EPCOS B41456 Datasheet HTML 11Page - EPCOS B41456 Datasheet HTML 12Page - EPCOS B41456 Datasheet HTML 13Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
2.2
Capacitors with screw terminals series
Ter-
minal
Dimensions (mm) with insulating sleeve
Approx.
weight (g)
d
l
±1
l1
±1
l2 +0/ 1 d1
d2 max. a +0.2/ 0.4
M5
M5
M5
M5
M5
51.6 +0.5/ 1
51.6 +0.5/ 1
51.6 +0.5/ 1
51.6 +0.5/ 1
51.6 +0.5/ 1
80.7
96.7
105.7
118.2
130.7
87.2
103.2
112.2
124.7
137.2
17
17
17
17
17
M12
M12
M12
M12
M12
10.2
10.2
10.2
10.2
10.2
22.2
22.2
22.2
22.2
22.2
220
250
280
320
350
M5
M5
M5
M5
M5
M5
64.3 +0.5/ 1
64.3 +0.5/ 1
64.3 +0.5/ 1
64.3 +0.5/ 1
64.3 +0.5/ 1
64.3 +0.5/ 1
80.7
96.7
105.7
118.2
130.7
143.2
87.2
103.2
112.2
124.7
137.2
149.7
17
17
17
17
17
17
M12
M12
M12
M12
M12
M12
13.2
13.2
13.2
13.2
13.2
13.2
28.5
28.5
28.5
28.5
28.5
28.5
370
400
440
510
600
630
M6
M6
M6
M6
M6
M6
M6
M6
M6
76.9 +0.5/ 1
76.9 +0.5/ 1
76.9 +0.5/ 1
76.9 +0.5/ 1
76.9 +0.5/ 1
76.9 +0.5/ 1
76.9 +0.5/ 1
76.9 +0.5/ 1
76.9 +0.5/ 1
96.7
105.7
118.2
130.7
143.2
156.2
168.7
190.7
220.7
102.5
111.5
124.0
136.5
149.0
162.0
174.5
196.5
226.5
17
17
17
17
17
17
17
17
17
M12
M12
M12
M12
M12
M12
M12
M12
M12
17.7
17.7
17.7
17.7
17.7
17.7
17.7
17.7
17.7
31.7
31.7
31.7
31.7
31.7
31.7
31.7
31.7
31.7
570
620
700
800
840
920
1000
1150
1300
M6
M6
M6
M6
M6
M6
M6
90.0 +0.5/ 1.5
90.0 +0.5/ 1.5
90.0 +0.5/ 1.5
90.0 +0.5/ 1.5
90.0 +0.5/ 1.5
90.0 +0.5/ 1.5
90.0 +0.5/ 1.5
97.0
120.0
144.5
170.0
191.0
197.0
221.0
102.3
125.3
149.8
175.3
196.3
202.3
226.3
17
17
17
17
17
17
17
M12
M12
M12
M12
M12
M12
M12
17.7
17.7
17.7
17.7
17.7
17.7
17.7
31.7
31.7
31.7
31.7
31.7
31.7
31.7
770
1000
1200
1400
1650
1700
1900
For low-inductance design the following deviation applies:
d = 64.3 mm: l1
0.7 mm
d = 90.0 mm: l1
1.7 mm
M5: Min. reach of screw = 9.5 mm
9 mm for low inductance design
M6: Min. reach of screw = 12.0 mm
9.5 mm for low inductance design
Tolerances of terminal thread respectively stud thread:
Terminal thread M5 and M6: 6H
Stud thread M12: 6g
B41456, B41458
85
°C
Page9of28
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com