Electronic Components Datasheet Search
  English  ▼

X  

B41456 Datasheet(PDF) 3 Page - EPCOS

Part # B41456
Description  Aluminum electrolytic capacitors
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41456 Datasheet(HTML) 3 Page - EPCOS

  B41456 Datasheet HTML 1Page - EPCOS B41456 Datasheet HTML 2Page - EPCOS B41456 Datasheet HTML 3Page - EPCOS B41456 Datasheet HTML 4Page - EPCOS B41456 Datasheet HTML 5Page - EPCOS B41456 Datasheet HTML 6Page - EPCOS B41456 Datasheet HTML 7Page - EPCOS B41456 Datasheet HTML 8Page - EPCOS B41456 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
1) Refer to chapter "General technical information, 5 Useful life" on how to interpret useful life.
Specifications and characteristics in brief
Rated voltage VR
Surge voltage VS
16 ... 100 V DC
1.15
VR
Rated capacitance CR
Capacitance tolerance
10000 ... 680000 μF
±20%
M
Leakage current Ileak
(20
°C, 5 min)
Self-inductance ESL
Approx. 20 nH
Capacitors with low-inductance design:
d
≥ 64.3 mm: approx. 13 nH
Useful life1)
Requirements:
85
°C; V
R;IAC,R
> 12000 h
ΔC/C
≤ 45% of initial value
40
°C; V
R; 2.9
IAC,R
> 200000 h
ESR
≤ 3 times initial specified limit
Ileak
≤ initial specified limit
Voltage endurance test
Post test requirements:
85
°C; V
R
2000 h
ΔC/C
≤ 15% of initial value
ESR
≤ 1.3 times initial specified limit
Ileak
≤ initial specified limit
Vibration resistance test
To IEC 60068-2-6, test Fc:
Frequency range 10 ... 55 Hz, displacement amplitude 0.75 mm,
acceleration max. 10 g, duration 3
× 2h.
Capacitor rigidly clamped by the case, e.g. using our standard fixture.
IEC climatic category
To IEC 60068-1:
40/085/56 ( 40
°C/+85 °C/56 days damp heat test)
Sectional specification
IEC 60384-4
Ripple current capability
Due to the ripple current capability of the capacitor contact elements, the following current upper
limits must not be exceeded in case of the absence of any forced cooling around the capacitor
and its contact elements:
Capacitor diameter
51.6 mm
64.3 mm
76.9 mm
IAC,max
34 A
45 A
57 A
In the event of the availability of cooling (e.g. forced air around the capacitor body, forced air
around the contact elements, capacitor base cooling by a heat sink) however above limits may be
exceeded depending on the cooling conditions. For details please contact our sales offices.
B41456, B41458
85
°C
Page3of28
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com