Electronic Components Datasheet Search
  English  ▼

X  

B41456 Datasheet(PDF) 13 Page - EPCOS

Part # B41456
Description  Aluminum electrolytic capacitors
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41456 Datasheet(HTML) 13 Page - EPCOS

Back Button B41456 Datasheet HTML 9Page - EPCOS B41456 Datasheet HTML 10Page - EPCOS B41456 Datasheet HTML 11Page - EPCOS B41456 Datasheet HTML 12Page - EPCOS B41456 Datasheet HTML 13Page - EPCOS B41456 Datasheet HTML 14Page - EPCOS B41456 Datasheet HTML 15Page - EPCOS B41456 Datasheet HTML 16Page - EPCOS B41456 Datasheet HTML 17Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
Dimensions and weights for heat sink mounting:
Terminal
Dimensions (mm) with insulating sleeve
Approx. weight
g
d
l
±1
l1
±0.35
d2 max.
a +0.2/ 0.4
M5
M5
M5
64.3 +0.5/ 1
64.3 +0.5/ 1
64.3 +0.5/ 1
80.7
96.7
105.7
86.3
102.3
111.3
13.2
13.2
13.2
28.5
28.5
28.5
370
400
440
M6
M6
M6
76.9 +0.5/ 1
76.9 +0.5/ 1
76.9 +0.5/ 1
96.7
105.7
118.2
101.6
110.6
123.1
17.7
17.7
17.7
31.7
31.7
31.7
570
620
700
M6
M6
M6
90.0 +0.5/ 1.5
90.0 +0.5/ 1.5
90.0 +0.5/ 1.5
97.0
120.0
144.5
101.4
124.4
148.9
17.7
17.7
17.7
31.7
31.7
31.7
770
1000
1200
M5: Min. reach of screw = 7.5 mm
M6: Min. reach of screw = 10.0 mm
Tolerances of terminal thread M5 and M6: 6H
Dimensions for other sizes are available upon request.
5.4
Insulated base (M608, M658)
Length l and l1 increase by +0.5 mm for types with threaded stud and insulated base. All other di-
mensions of the capacitor are identical with those of standard capacitors. Please refer to the table
"Dimensions and weights".
B41456, B41458
85
°C
Page 13 of 28
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com