Electronic Components Datasheet Search
  English  ▼

X  

B41456 Datasheet(PDF) 14 Page - EPCOS

Part # B41456
Description  Aluminum electrolytic capacitors
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41456 Datasheet(HTML) 14 Page - EPCOS

Back Button B41456 Datasheet HTML 10Page - EPCOS B41456 Datasheet HTML 11Page - EPCOS B41456 Datasheet HTML 12Page - EPCOS B41456 Datasheet HTML 13Page - EPCOS B41456 Datasheet HTML 14Page - EPCOS B41456 Datasheet HTML 15Page - EPCOS B41456 Datasheet HTML 16Page - EPCOS B41456 Datasheet HTML 17Page - EPCOS B41456 Datasheet HTML 18Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
5.5
PAPR terminal style (M650, M657, M658)
An aluminum electrolytic capacitor is a polar component that needs strictly to be mounted under
correct polarity. With our PAPR terminal style (Protection Against Polarity Reversal) we offer an
optional mechanical feature in addition to the visual polarity marking on the cover disk and the
sleeve, which prevents from mounting in reverse polarity.
The non-circular shape of the terminals and their arrangement perpendicular to each other en-
ables the user to definitely prevent wrong mounting with respect to polarity (Poka Yoke).
Dimensional drawing of PAPR terminal configuration:
Dimensions for PAPR terminal style (mm):
Capacitor diameter d
Terminal
d3
±0.1
d4
±0.1
a +0.2/ 0.4
51.6
M5
10
13
22.2
64.3
M5
13
15
28.5
76.9
M6
13
15
31.7
90.0
M6
13
15
31.7
M5: Min. reach of screw = 9.5 mm
M6: Min. reach of screw = 12.0 mm
Tolerances of terminal thread M5 and M6: 6H
All other dimensions of the capacitor such as diameter d, case length l and overall length l1 are
identical with those of standard capacitors of this series. Please refer to the tables "Dimensions
and weights" (standard types) on page 9 and "Dimensions and weights for heat sink mounting"
(special designs) on page 13.
B41456, B41458
85
°C
Page 14 of 28
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com