Electronic Components Datasheet Search
  English  ▼

X  

B41456 Datasheet(PDF) 5 Page - EPCOS

Part # B41456
Description  Aluminum electrolytic capacitors
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41456 Datasheet(HTML) 5 Page - EPCOS

  B41456 Datasheet HTML 1Page - EPCOS B41456 Datasheet HTML 2Page - EPCOS B41456 Datasheet HTML 3Page - EPCOS B41456 Datasheet HTML 4Page - EPCOS B41456 Datasheet HTML 5Page - EPCOS B41456 Datasheet HTML 6Page - EPCOS B41456 Datasheet HTML 7Page - EPCOS B41456 Datasheet HTML 8Page - EPCOS B41456 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Technical data and ordering codes
CR
100 Hz
20
°C
μF
Case
dimensions
d
× l
mm
ESRtyp
100 Hz
20
°C
m
Ω
ESRmax
100 Hz
20
°C
m
Ω
Zmax
10 kHz
20
°C
m
Ω
IAC,max
100 Hz
40
°C
A
IAC,R
100 Hz
85
°C
A
Ordering code
(composition see
below)
Composition of ordering code
* =
Mounting style
# =
Design
6 = for capacitors with ring clip/clamp mounting
8 = for capacitors with threaded stud
0 = standard
3 = low inductance (13 nH)
8 = insulated base
For details refer to "Design options" on page 11.
VR =16VDC
100000
51.6
× 80.7
5.0
10
8.2
34
14
B4145*B4100M60#
150000
51.6
× 80.7
4.2
8.4
6.8
34
15
B4145*B4150M60#
220000
64.3
× 105.7
3.7
7.3
5.9
45
20
B4145*B4220M60#
330000
64.3
× 105.7
3.3
6.6
5.3
45
21
B4145*B4330M60#
470000
76.9
× 143.2
3.0
6.1
4.9
57
25
B4145*B4470M60#
680000
76.9
× 143.2
3.0
5.8
4.6
57
26
B4145*B4680M60#
VR =25VDC
68000
51.6
× 80.7
6.0
12
9.3
34
13
B4145*B5689M60#
100000
51.6
× 105.7
5.0
9.5
7.6
34
16
B4145*B5100M60#
150000
64.3
× 105.7
4.0
8.0
6.4
45
20
B4145*B5150M60#
220000
64.3
× 105.7
3.5
7.0
5.6
45
21
B4145*B5220M60#
330000
76.9
× 143.2
3.2
6.4
5.1
57
25
B4145*B5330M60#
470000
76.9
× 220.7
3.0
4.0
4.8
57
31
B4145*B5470M60#
VR =40VDC
47000
51.6
× 80.7
6.0
12
10
34
13
B4145*B7479M60#
68000
51.6
× 105.7
5.0
10
8.4
34
16
B4145*B7689M60#
100000
64.3
× 105.7
4.1
8.2
7.0
45
19
B4145*B7100M60#
150000
76.9
× 105.7
3.0
5.5
6.0
57
21
B4145*B7150M60#
220000
76.9
× 143.2
3.0
5.0
5.4
57
25
B4145*B7220M60#
VR =63VDC
22000
51.6
× 80.7
8.0
16
16
33
11
B4145*B8229M60#
33000
51.6
× 105.7
6.0
12
12
34
14
B4145*B8339M60#
47000
64.3
× 105.7
5.0
10
9.4
45
18
B4145*B8479M60#
68000
76.9
× 105.7
3.0
5.0
6.5
57
20
B4145*B8689M60#
100000
76.9
× 143.2
3.0
4.0
6.0
57
25
B4145*B8100M60#
150000
76.9
× 220.7
3.0
4.0
5.0
57
31
B4145*B8150M60#
VR =100VDC
10000
51.6
× 80.7
9.0
18
14
30
10
B4145*B9109M60#
15000
51.6
× 105.7
8.0
15
12
34
13
B4145*B9159M60#
22000
64.3
× 105.7
5.0
10
10
45
17
B4145*B9229M60#
33000
76.9
× 105.7
3.0
6.0
7.0
56
19
B4145*B9339M60#
47000
76.9
× 143.2
3.0
5.0
6.0
57
24
B4145*B9479M60#
B41456, B41458
85
°C
Page5of28
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com