Electronic Components Datasheet Search
  English  ▼

X  

B25675C4162J740 Datasheet(PDF) 10 Page - EPCOS

Part # B25675C4162J740
Description  Film Capacitors – Power Factor Correction
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B25675C4162J740 Datasheet(HTML) 10 Page - EPCOS

Back Button B25675C4162J740 Datasheet HTML 6Page - EPCOS B25675C4162J740 Datasheet HTML 7Page - EPCOS B25675C4162J740 Datasheet HTML 8Page - EPCOS B25675C4162J740 Datasheet HTML 9Page - EPCOS B25675C4162J740 Datasheet HTML 10Page - EPCOS B25675C4162J740 Datasheet HTML 11Page - EPCOS B25675C4162J740 Datasheet HTML 12Page - EPCOS B25675C4162J740 Datasheet HTML 13Page - EPCOS B25675C4162J740 Datasheet HTML 14Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Film Capacitors – Power Factor Correction
B25675C*
PhaseCap Energy Plus
MKK
Preliminary data
CAP FILM ES PFC PM
2021-06-24
Please read Cautions and warnings and
Page 10 of 17
Important notes at the end of this document.
Ordering code
Series/type
Nominal
capacitance
CN
Nominal
voltage
VN
Output &
Nominal current
at 50 Hz
IN
Output &
Nominal current
at 60 Hz
IN
Dimensions
d × h
Weight
approx.
Terminal
type
PU*
pcs.
µF
V
kvar
A
kvar
A
mm
kg
Rated voltage 480 VAC, delta connection
B25675C4302J080 MKK480-D-30.0-04 3x 138.1
480
30.0
36.1 1 -
-
125 x 192
2.8
B
4
B25675C4312J080 MKK480-D-31.0-04 3x 142.7
480
31.0
37.3 1 -
-
125 x 192
2.8
B
4
B25675C4332J080 MKK480-D-33.0-04 3x 154.0
480
33.0
39.7 1 -
-
116 x 224
2.8
B
4
B25675C4402J080 MKK480-D-40.0-04 3x 184.2
480
40.0
48.1 1 48.0
57.7 1 136 x 217
3.7
F
4
B25675C4502J080 MKK480-D-50.0-04 3x 230.2
480
50.0
60.1 1 60.0
72.2 1 136 x 279
4.5
F
2
B25675C4562J080 MKK480-D-56.0-04 3x 257.9
480
56.0
67.4 1 -
-
136 x 312
5.0
F
2
B25675C4602J080 MKK480-D-60.0-04 3x 276.3
480
60.0
72.2 1 -
-
136 x 312
5.0
F
2
Rated voltage 525 VAC, delta connection
B25675C5052J025 MKK525-D-5.0-04
3x 19.2
525
5.0
5.5 5
6.0
6.6 2
75 x 164
0.9
A
6
B25675C5062J325 MKK525-D-6.3-04
3x 24.2
525
6.3
6.9 5
7.6
8.4 2
75 x 164
0.9
A
6
B25675C5072J525 MKK525-D-7.5-04
3x 28.9
525
7.5
8.2 5
9.0
9.9 2
75 x 185
1.0
A
6
B25675C5082J325 MKK525-D-8.3-04
3x 31.9
525
8.3
9.1 5
10.0
11.0 2 75 x 200
1.1
A
6
B25675C5102J425 MKK525-D-10.4-04 3x 40.0
525
10.4
11.4 5 12.5
13.7 2 85 x 185
1.2
A
9
B25675C5122J525 MKK525-D-12.5-04 3x 48.1
525
12.5
13.7 5 15.0
16.5 2 85 x 200
1.3
A
9
B25675C5132J225 MKK525-D-13.2-04 3x 50.8
525
13.2
14.5 5 15.8
17.4 2 85 x 200
1.3
A
9
B25675C5152J025 MKK525-D-15.0-04 3x 57.7
525
15.0
16.5 4 18.0
19.8 1 85 x 218
1.5
A
4
B25675C5162J725 MKK525-D-16.7-04 3x 64.3
525
16.7
18.4 3 20.0
22.0 1 100 x 207
1.9
B
6
B25675C5202J025 MKK525-D-20.0-04 3x 77.0
525
20.0
22.0 2 24.0
26.4 1 100 x 224
2.1
B
4
B25675C5202J825 MKK525-D-20.8-04 3x 80.1
525
20.8
22.9 2 25.0
27.5 1 100 x 224
2.1
B
4
B25675C5252J025 MKK525-D-25.0-04 3x 96.2
525
25.0
27.5 1 30.0
33.0 1 116 x 207
2.6
B
4
B25675C5262J525 MKK525-D-26.5-04 3x 102.0
525
26.5
29.1 1 31.8
35.0 1 116 x 207
2.6
B
4
B25675C5282J125 MKK525-D-28.1-04 3x 108.2
525
28.1
30.9 1 -
-
125 x 192
2.8
B
4
B25675C5302J025 MKK525-D-30.0-04 3x 115.5
525
30.0
33.0 1 -
-
125 x 207
3.0
B
4
B25675C5332J125 MKK525-D-33.1-04 3x 127.4
525
33.1
36.4 1 -
-
136 x 192
3.3
B
4
B25675C5342J425 MKK525-D-34.4-04 3x 132.4
525
34.4
37.8 1 -
-
136 x 192
3.3
B
4
B25675C5402J025 MKK525-D-40.0-04 3x 154.0
525
40.0
44.0 1 48.0
52.8 1 136 x 233
3.7
F
4
B25675C5502J025 MKK525-D-50.0-04 3x 192.5
525
50.0
55.0 1 60.0
66.0 1 136 x 312
5.0
F
2
B25675C5602J025 MKK525-D-60.0-04 3x 230.9
525
60.0
66.0 1 -
-
136 x 351
5.7
F
2
Rated voltage 600 VAC, delta connection
B25675C6052J300 MKK600-D-5.3-04
3x 15.6
600
5.3
5.1 5
6.4
6.2 2
75 x 185
1.0
C
6
B25675C6062J200 MKK600-D-6.2-04
3x 18.3
600
6.2
6.0 5
7.4
7.1 2
75 x 185
1.0
C
6
B25675C6062J900 MKK600-D-6.9-04
3x 20.3
600
6.9
6.6 5
8.3
8.0 2
75 x 200
1.1
C
6
B25675C6082J300 MKK600-D-8.3-04
3x 24.5
600
8.3
8.0 4
10.0
9.6 1
75 x 218
1.1
C
9
B25675C6102J400 MKK600-D-10.4-04 3x 30.6
600
10.4
10.0 4 12.5
12.0 1 85 x 200
1.3
C
9
B25675C6122J500 MKK600-D-12.5-04 3x 36.8
600
12.5
12.0 4 15.0
14.4 1 100 x 192
1.8
D
6
B25675C6132J900 MKK600-D-13.9-04 3x 41.0
600
13.9
13.4 4 16.7
16.1 1 100 x 207
1.9
D
6
B25675C6142J600 MKK600-D-14.6-04 3x 43.0
600
14.6
14.0 4 17.5
16.8 1 100 x 207
1.9
D
6
B25675C6162J700 MKK600-D-16.7-04 3x 49.2
600
16.7
16.1 3 20.0
19.2 1 100 x 224
2.1
D
4
B25675C6202J000 MKK600-D-20.0-04 3x 58.9
600
20.0
19.2 2 24.0
23.1 1 116 x 207
2.6
D
4
B25675C6202J800 MKK600-D-20.8-04 3x 61.3
600
20.8
20.0 2 25.0
24.1 1 116 x 207
2.6
D
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com