Electronic Components Datasheet Search
  English  ▼

X  

B25675C4162J740 Datasheet(PDF) 2 Page - EPCOS

Part # B25675C4162J740
Description  Film Capacitors – Power Factor Correction
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B25675C4162J740 Datasheet(HTML) 2 Page - EPCOS

  B25675C4162J740 Datasheet HTML 1Page - EPCOS B25675C4162J740 Datasheet HTML 2Page - EPCOS B25675C4162J740 Datasheet HTML 3Page - EPCOS B25675C4162J740 Datasheet HTML 4Page - EPCOS B25675C4162J740 Datasheet HTML 5Page - EPCOS B25675C4162J740 Datasheet HTML 6Page - EPCOS B25675C4162J740 Datasheet HTML 7Page - EPCOS B25675C4162J740 Datasheet HTML 8Page - EPCOS B25675C4162J740 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Film Capacitors – Power Factor Correction
B25675C*
PhaseCap Energy Plus
MKK
Preliminary data
CAP FILM ES PFC PM
2021-06-24
Please read Cautions and warnings and
Page 2 of 17
Important notes at the end of this document.
Construction
Dielectric: Polypropylene film
Non PCB, Soft biodegradable resin
Wave cut
Extruded round aluminum can with stud
Three-phase, delta connected
Terminal type: safety terminal with M4 & M5 screws
Provided with external discharge resistor
Over pressure disconnector for all 3 phases
Features
Self-healing technology
Naturally air cooled (or forced air cooling)
Optimized capacitor safety terminals
Typical applications
Shunt Power Factor Correction (according to scope defined in IEC 60831)
Indoor mounting
Technical data and specifications
*) Refer drawing on page no.5 to 6 for tolerance
**) excluding discharge resistor / depending upon rating
Characteristics
B25675C*
Nominal capacitance CN
See table in page 8 to 12
Tolerance
–5 /+5%
Connection
D (Delta)
Nominal voltage VN
Up to 1000 VRMS (Details as per table in page 8 to 12)
Nominal frequency fN
50 Hz
60 Hz
Nominal output QN
Up to 60 kvar (Details as per table in page 8 to 12)
Nominal current IN
As per table in page 8 to 12
Dimensions (d x h)*)
As per table in page 8 to 12
Weight (approx.)
As per table in page 8 to 12
Dielectric losses (tan δ0)
0.2 W / kvar
Total losses (tan δ)**)
Approx. 0.35 to 0.45 W / kvar



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com