Electronic Components Datasheet Search
  English  ▼

X  

B25675C4162J740 Datasheet(PDF) 3 Page - EPCOS

Part # B25675C4162J740
Description  Film Capacitors – Power Factor Correction
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B25675C4162J740 Datasheet(HTML) 3 Page - EPCOS

  B25675C4162J740 Datasheet HTML 1Page - EPCOS B25675C4162J740 Datasheet HTML 2Page - EPCOS B25675C4162J740 Datasheet HTML 3Page - EPCOS B25675C4162J740 Datasheet HTML 4Page - EPCOS B25675C4162J740 Datasheet HTML 5Page - EPCOS B25675C4162J740 Datasheet HTML 6Page - EPCOS B25675C4162J740 Datasheet HTML 7Page - EPCOS B25675C4162J740 Datasheet HTML 8Page - EPCOS B25675C4162J740 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Film Capacitors – Power Factor Correction
B25675C*
PhaseCap Energy Plus
MKK
Preliminary data
CAP FILM ES PFC PM
2021-06-24
Please read Cautions and warnings and
Page 3 of 17
Important notes at the end of this document.
Maximum ratings
Maximum permissible AC voltage
(Vmax)
VN +10% (up to 8 h daily)
VN +15% (up to 30 min. daily)
VN +20% (up to 5 min. daily)
VN +30% (up to 1 min. daily)
Maximum permissible AC current
(Imax)
Up to 1.6
... 2.0 • IN (A) up to 33.1 kvar
Up to 1.6
• IN (A) above 33.1 kvar
(
including combined effects of harmonics, overvoltage’s and
capacitance tolerance)
Maximum inrush current
(IS)
≤ 500
• IN (A) depending on the individual type upto 33.1 kvar
≤ 400
• IN (A) depending on the individual type above 33.1 kvar
Max. 15000 switching’s per year up to 33.1 kvar
Max. 7500 switching’s per year above 33.1 kvar
Maximum allowed hotspot temperature
+85 °C (short time considering effect of all worst case operating
parameters like voltage, current, harmonic, ambient temperature
and ventilation)
Test data
Voltage test between terminals
2.15
• VN V AC / 50 Hz, 2s
Voltage test between terminals (joined
together) and container
3600 V AC / 50 Hz, 2 s up to VN = 525 V AC
6000 V AC / 50 Hz, 2 s above VN = 525 V AC
Environmental conditions
Minimum ambient temperature
-40 °C
Maximum ambient temperature
+60 °C (short time) up to 33.1 kvar
+55 °C (short time) above 33.1 kvar
Ambient temperature
Class -40/60 up to 33.1 kvar: Max. short time: +60 °C, max. mean
24 h: +50 °C; max mean 1 year: +40 °C; lowest temperature: -40 °C
Class -40/D above 33.1 kvar: Max. short time: + 55 °C, max. mean
24 h: +45 °C; max mean 1 year: +35 °C; lowest temperature: -40 °C
Storage temperature
-40 °C to + 85 °C (capacitor must be cooled down below +50 °C
before energized)
Humidity
Average relative < 95% (non condensing)
Vibration (Sinusoidal)
As per IEC 60721-3-2 (Transportation)
Max. test conditions -
Frequency: 8 to 200 Hz
Acceleration: 2 g
Displacement: 7.5 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com