Electronic Components Datasheet Search
  English  ▼

X  

B25675C4162J740 Datasheet(PDF) 11 Page - EPCOS

Part # B25675C4162J740
Description  Film Capacitors – Power Factor Correction
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B25675C4162J740 Datasheet(HTML) 11 Page - EPCOS

Back Button B25675C4162J740 Datasheet HTML 7Page - EPCOS B25675C4162J740 Datasheet HTML 8Page - EPCOS B25675C4162J740 Datasheet HTML 9Page - EPCOS B25675C4162J740 Datasheet HTML 10Page - EPCOS B25675C4162J740 Datasheet HTML 11Page - EPCOS B25675C4162J740 Datasheet HTML 12Page - EPCOS B25675C4162J740 Datasheet HTML 13Page - EPCOS B25675C4162J740 Datasheet HTML 14Page - EPCOS B25675C4162J740 Datasheet HTML 15Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Film Capacitors – Power Factor Correction
B25675C*
PhaseCap Energy Plus
MKK
Preliminary data
CAP FILM ES PFC PM
2021-06-24
Please read Cautions and warnings and
Page 11 of 17
Important notes at the end of this document.
Ordering code
Series/type
Nominal
capacitance
CN
Nominal
voltage
VN
Output &
Nominal current
at 50 Hz
IN
Output &
Nominal current
at 60 Hz
IN
Dimensions
d × h
Weight
approx.
Terminal
type
PU*
pcs.
µF
V
kvar
A
kvar
A
mm
kg
Rated voltage 600 V AC, delta connection
B25675C6252J000 MKK600-D-25.0-04 3x 73.7
600
25.0
24.1 1 30.0
28.9 1 125 x 207
3.0
D
4
B25675C6282J000 MKK600-D-28.0-04 3x 82.5
600
28.0
26.9 1 -
-
136 x 192
3.3
D
4
B25675C6302J000 MKK600-D-30.0-04 3x 88.4
600
30.0
28.9 1 -
-
136 x 207
3.6
D
4
Rated voltage 690 V AC, delta connection
B25675C6052J390 MKK690-D-5.3-04
3 x 11.8
690
5.3
4.4 5
6.4
5.4 2
75x185
1.0
C
6
B25675C6062J290 MKK690-D-6.2-04
3 x 13.8
690
6.2
5.2 5
7.4
6.2 2
75x200
1.1
C
6
B25675C6062J990 MKK690-D-6.9-04
3 x 15.4
690
6.9
5.8 5
8.3
6.9 2
75x200
1.1
C
6
B25675C6082J390 MKK690-D-8.3-04
3 x 18.5
690
8.3
6.9 5
10.0
8.4 2
75x200
1.1
C
6
B25675C6102J490 MKK690-D-10.4-04 3 x 23.2
690
10.4
8.7 4
12.5
10.5 1 75x200
1.1
C
6
B25675C6122J590 MKK690-D-12.5-04 3 x 27.9
690
12.5
10.5 4 15.0
12.6 1 85x200
1.3
C
9
B25675C6132J990 MKK690-D-13.9-04 3 x 31.0
690
13.9
11.6 4 16.7
14.0 1 85x200
1.3
C
9
B25675C6142J690 MKK690-D-14.6-04 3 x 32.5
690
14.6
12.2 4 17.5
14.6 1 100x207
1.9
D
6
B25675C6162J790 MKK690-D-16.7-04 3 x 37.2
690
16.7
14.0 4 20.0
16.7 1 100x192
1.8
D
6
B25675C6202J090 MKK690-D-20.0-04 3 x 44.6
690
20.0
16.7 3 24.0
20.1 1 100x207
1.9
D
6
B25675C6202J890 MKK690-D-20.8-04 3 x 46.3
690
20.8
17.4 3 25.0
20.9 1 100x224
2.1
D
4
B25675C6252J090 MKK690-D-25.0-04 3 x 55.7
690
25.0
20.9 2 30.0
25.1 1 116x192
2.4
D
4
B25675C6282J090 MKK690-D-28.0-04 3 x 62.4
690
28.0
23.4 1 -
-
116x207
2.6
D
4
B25675C6302J090 MKK690-D-30.0-04 3 x 66.8
690
30.0
25.1 1 -
-
125x192
2.8
D
4
Rated voltage 800 V AC, delta connection
B25675C8152J000 MKK800-D-15.0-04 3 x 24.9
800
15.0
10.8 3 18.0
13.0 1 100x224
2.1
E
6
B25675C8202J000 MKK800-D-20.0-04 3 x 33.2
800
20.0
14.4 2 24.0
17.3 1 116x224
2.8
E
4
B25675C8252J000 MKK800-D-25.0-04 3 x 41.4
800
25.0
18.0 1 30.0
21.7 1 116x224
2.8
E
4
B25675C8282J000 MKK800-D-28.0-04 3 x 46.4
800
28.0
20.2 1 -
-
116x248
3.1
E
4
B25675C8302J000 MKK800-D-30.0-04 3 x 49.7
800
30.0
21.7 1 -
-
116x248
3.1
E
4
Rated voltage 900 V AC, delta connection
B25675C9152J000 MKK900-D-15.0-04 3 x 19.6
900
15.0
9.6 3
18.0
11.5 1 100x224
2.1
E
6
B25675C9202J000 MKK900-D-20.0-04 3 x 26.2
900
20.0
12.8 2 24.0
15.4 1 116x224
2.8
E
4
B25675C9252J000 MKK900-D-25.0-04 3 x 32.7
900
25.0
16.0 1 30.0
19.2 1 116x224
2.8
E
4
B25675C9302J000 MKK900-D-30.0-04 3 x 39.3
900
30.0
19.2 1 -
-
116x248
3.1
E
4
1…..max. current 1.6 times IN
2…..max. current 1.7 times IN
3…..max. current 1.8 times IN
4…..max. current 1.9 times IN
5…..max. current 2.0 times IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com