Electronic Components Datasheet Search
  English  ▼

X  

B25675C4162J740 Datasheet(PDF) 14 Page - EPCOS

Part # B25675C4162J740
Description  Film Capacitors – Power Factor Correction
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B25675C4162J740 Datasheet(HTML) 14 Page - EPCOS

Back Button B25675C4162J740 Datasheet HTML 9Page - EPCOS B25675C4162J740 Datasheet HTML 10Page - EPCOS B25675C4162J740 Datasheet HTML 11Page - EPCOS B25675C4162J740 Datasheet HTML 12Page - EPCOS B25675C4162J740 Datasheet HTML 13Page - EPCOS B25675C4162J740 Datasheet HTML 14Page - EPCOS B25675C4162J740 Datasheet HTML 15Page - EPCOS B25675C4162J740 Datasheet HTML 16Page - EPCOS B25675C4162J740 Datasheet HTML 17Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Film Capacitors – Power Factor Correction
B25675C*
PhaseCap Energy Plus
MKK
Preliminary data
CAP FILM ES PFC PM
2021-06-24
Please read Cautions and warnings and
Page 14 of 17
Important notes at the end of this document.
Overpressure disconnector
To ensure full functionality of an overpressure disconnector, the following must be observed:
1. The elastic elements must not be hindered, i.e.
Connecting lines must be flexible leads (cables).
There must be sufficient space (min. 12 mm) for expansion above the connections. This will
enable a longitudinal extension of the can to secure the overpressure disconnector work.
Folding beads must not be retained by clamps.
2. The maximum allowed fault current of 10000 A in accordance with UL 810 standard must be
assured by the application.
3. Stress parameters of the capacitor must be within the IEC60831 specification.
Overcurrent and short circuit protection
Use HRC fuses or MCCBs for short circuit protection. Short circuit protection and connecting
cables should be selected so that 1.5 times the maximum total RMS capacitor current can be
permanently handled.
HRC fuses do not protect a capacitor against overload – they are only for short circuit protection.
The HRC fuse rating should be 1.6 to 1.8 the maximum total RMS capacitor current.
Do not use HRC fuses/Switch Fuse Unit to disconnect capacitors (risk of arcing).
Use thermal magnetic over current relays for overload protection.
Mechanical protection
The capacitor has to be installed in a way that mechanical damages and dents in the aluminum can
are avoided.
Grounding
The threaded bottom stud of the capacitor has to be used for grounding. In case grounding is done
via metal chassis that the capacitor is mounted to, the layer of varnish beneath the washer and nut
should be removed. The maximum tightening torque is 10 Nm for M12 stud.
Maintenance
Check tightness of the connections/terminals periodically.
Take current reading twice a year and compare with nominal current. Use a harmonic analyser or
true effective RMS-meter.
In case of current above the nominal current check your application for modifications.
If a significant increase in the amount of non-linear loads has been detected, then a consultant
has to be called in for a harmonic study.
In case of the presence of harmonics installation of a de-tuned capacitor bank (reactors) must be
considered.
Check the temperature of capacitors directly after operation for a longer period, but make sure
that the capacitors have been switched off. In case of excessive temperature of individual
capacitors, it is recommended to replace these capacitors, as this should be an indication for loss
factor increase, which is a sign for reaching end of life.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com