Electronic Components Datasheet Search
  English  ▼

X  

ADF4159 Datasheet(PDF) 10 Page - Analog Devices

Part # ADF4159
Description  Direct Modulation/Fast Waveform Generating, 13 GHz, Fractional-N Frequency Synthesizer
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4159 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADF4159 Datasheet HTML 6Page - Analog Devices ADF4159 Datasheet HTML 7Page - Analog Devices ADF4159 Datasheet HTML 8Page - Analog Devices ADF4159 Datasheet HTML 9Page - Analog Devices ADF4159 Datasheet HTML 10Page - Analog Devices ADF4159 Datasheet HTML 11Page - Analog Devices ADF4159 Datasheet HTML 12Page - Analog Devices ADF4159 Datasheet HTML 13Page - Analog Devices ADF4159 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
Data Sheet
ADF4159
Rev. E | Page 9 of 36
TYPICAL PERFORMANCE CHARACTERISTICS
–180
–160
–140
–120
–100
–80
–60
–40
100
1k
10k
100k
1M
10M
100M
FREQUENCY OFFSET (Hz)
Figure 6. Phase Noise at 12.002 GHz, fPFD = 100 MHz, ICP = 2.5 mA,
Loop Bandwidth = 250 kHz, Bleed Current = 11.03 µA
11.98
11.99
12.00
12.01
12.02
12.03
12.04
12.05
12.06
0
50
100
150
200
TIME (µs)
Figure 7. Sawtooth Ramp, fPFD = 100 MHz, ICP = 2.5 mA,
Loop Bandwidth = 250 kHz, CLK1 = 3, CLK2 = 26, DEV = 1024,
DEV_OFFSET = 8, Number of Steps = 64
11.98
11.99
12.00
12.01
12.02
12.03
12.04
12.05
12.06
0
50
100
150
200
TIME (µs)
Figure 8. Sawtooth Ramp with Delay, fPFD = 100 MHz, ICP = 2.5 mA,
Loop Bandwidth = 250 kHz, CLK1 = 3, CLK2 = 26, DEV = 1024,
DEV_OFFSET = 8, Number of Steps = 64, Delay Word = 1000
11.98
11.99
12.00
12.01
12.02
12.03
12.04
12.05
12.06
0
20
40
60
80
100
TIME (µs)
Figure 9. Sawtooth Burst, fPFD = 100 MHz, ICP = 2.5 mA,
Loop Bandwidth = 250 kHz, CLK1 = 3, CLK2 = 26, DEV = 1024,
DEV_OFFSET = 8, Number of Steps = 64
11.98
11.99
12.00
12.01
12.02
12.03
12.04
12.05
12.06
0
100
200
300
400
500
TIME (µs)
Figure 10. Dual Sawtooth Ramp, fPFD = 100 MHz, ICP = 2.5 mA,
Loop Bandwidth = 250 kHz, CLK1 = 3; First Ramp: CLK2 = 26, DEV = 1024,
DEV_OFFSET = 8, Number of Steps = 64; Second Ramp: CLK2 = 52,
DEV = 1024, DEV_OFFSET = 7, Number of Steps = 64
11.99
12.00
12.01
12.02
12.03
12.04
12.05
12.06
0
100
200
300
400
500
TIME (µs)
Figure 11. Triangle Ramp, fPFD = 100 MHz, ICP = 2.5 mA,
Loop Bandwidth = 250 kHz, CLK1 = 3, CLK2 = 26, DEV = 1024,
DEV_OFFSET = 8, Number of Steps = 64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com