Electronic Components Datasheet Search
  English  ▼

X  

ADF4159 Datasheet(PDF) 25 Page - Analog Devices

Part # ADF4159
Description  Direct Modulation/Fast Waveform Generating, 13 GHz, Fractional-N Frequency Synthesizer
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4159 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADF4159 Datasheet HTML 21Page - Analog Devices ADF4159 Datasheet HTML 22Page - Analog Devices ADF4159 Datasheet HTML 23Page - Analog Devices ADF4159 Datasheet HTML 24Page - Analog Devices ADF4159 Datasheet HTML 25Page - Analog Devices ADF4159 Datasheet HTML 26Page - Analog Devices ADF4159 Datasheet HTML 27Page - Analog Devices ADF4159 Datasheet HTML 28Page - Analog Devices ADF4159 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
ADF4159
Data Sheet
Rev. E | Page 24 of 36
DELAY REGISTER (R7) MAP
When Bits DB[2:0] are set to 111, the on-chip delay register
(Register R7) is programmed (see Figure 32).
Reserved Bits
All reserved bits must be set to 0 for normal operation.
TXDATA Trigger Delay
When Bit DB23 is set to 0, there is no delay before the start of
the ramp when using TXDATA to trigger a ramp. When Bit DB23
is set to 1, a delay is enabled before the start of the ramp if the
delayed start is enabled via Bit DB15.
Triangular Delay
When Bit DB22 is set to 1, a delay is enabled between each
section of a triangular ramp, resulting in a clipped ramp. This
setting works only for triangular ramps and when the ramp
delay is activated. When Bit DB22 is set to 0, the delay between
triangular ramps is disabled.
Single Full Triangle
When Bit DB21 is set to 1, the single full triangle function is
enabled. When Bit DB21 is set to 0, this function is disabled. To
use the single full triangle function, Ramp Mode (Register 3,
DB[11:10]) must be set to 0b11, Single Ramp Burst. For more
information, see the Waveform Generation section.
TXDATA Trigger
When Bit DB20 is set to 1, a logic high on TXDATA activates the
ramp. When Bit DB20 is set to 0, this function is disabled.
Fast Ramp
When Bit DB19 is set to 1, the triangular waveform is activated
with two different slopes. This waveform can be used as an alter-
native to the sawtooth ramp because it mitigates the overshoot
at the end of the ramp in a waveform. Fast ramp is achieved by
changing the top frequency to the bottom frequency in a series of
small steps instead of one big step. When Bit DB19 is set to 0, the
fast ramp function is disabled (see the Fast Ramp Mode section).
Ramp Delay Fast Lock
When Bit DB18 is set to 1, the ramp delay fast lock function is
enabled. When Bit DB18 is set to 0, this function is disabled.
Ramp Delay
When Bit DB17 is set to 1, the delay between ramps function is
enabled. When Bit DB17 is set to 0, this function is disabled.
Delay Clock Select
When Bit DB16 is set to 0, the PFD clock is selected as the delay
clock. When Bit DB16 is set to 1, PFD clock × CLK1 is selected
as the delay clock. (CLK1 is set by Bits DB[14:3] in Register R2.)
Delayed Start Enable
When Bit DB15 is set to 1, the delayed start is enabled. When
Bit DB15 is set to 0, the delayed start is disabled.
12-Bit Delay Start Word
Bits DB[14:3] determine the delay start word. The delay start
word affects the duration of the ramp start delay.
DB31
12-BIT DELAY START WORD
RESERVED
DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
0
0
0
0
0
0
0
0
0
0
TD1
ST1
TR1
FR1
RD1
DC1 DSE1 DS12 DS11 DS10 DS9
DS8
DS7
DS6
DS5
C3(1) C2(1) C1(1)
DS12 DS11
...
DS2
DS1
DELAY START WORD
0
0
...
0
0
0
0
0
...
0
1
1
0
0
...
1
0
2
0
0
...
1
1
3
.
.
...
.
.
.
.
.
...
.
.
.
.
.
...
.
.
.
1
1
...
0
0
4092
1
1
...
0
1
4093
1
1
...
1
0
4094
1
1
...
1
1
4095
DS4
DS3
DS1
DS2
DSE1 DEL START EN
0
DISABLED
1
ENABLED
DC1
DEL CLK SEL
0
PFD CLK
1
PFD CLK × CLK1
RD1
RAMP DELAY
FR1
FAST RAMP
TR1 TXDATA TRIGGER
ST1
SING FULL TRI
0
DISABLED
1
ENABLED
0
DISABLED
1
0
1
ENABLED
0
DISABLED
1
ENABLED
DISABLED
ENABLED
0
RAMP DELAY FL
0
1
DISABLED
ENABLED
0
TXDATA TRIGGER DELAY
0
1
DISABLED
ENABLED
TD1 TRI DELAY
0
DISABLED
1
ENABLED
CONTROL
BITS
Figure 32. Delay Register (R7) Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com