Electronic Components Datasheet Search
  English  ▼

X  

ADF4159 Datasheet(PDF) 17 Page - Analog Devices

Part # ADF4159
Description  Direct Modulation/Fast Waveform Generating, 13 GHz, Fractional-N Frequency Synthesizer
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4159 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADF4159 Datasheet HTML 13Page - Analog Devices ADF4159 Datasheet HTML 14Page - Analog Devices ADF4159 Datasheet HTML 15Page - Analog Devices ADF4159 Datasheet HTML 16Page - Analog Devices ADF4159 Datasheet HTML 17Page - Analog Devices ADF4159 Datasheet HTML 18Page - Analog Devices ADF4159 Datasheet HTML 19Page - Analog Devices ADF4159 Datasheet HTML 20Page - Analog Devices ADF4159 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
ADF4159
Data Sheet
Rev. E | Page 16 of 36
LSB FRAC REGISTER (R1) MAP
When Bits DB[2:0] are set to 001, the on-chip LSB FRAC
register (Register R1) is programmed (see Figure 26).
Reserved Bits
All reserved bits must be set to 0 for normal operation.
Phase Adjustment
Bit DB28 enables and disables phase adjustment. The phase
shift is generated by the value programmed in Bits DB[14:3].
13-Bit LSB Fractional Value (FRAC)
Bits DB[27:15], along with Bits DB[14:3] in the FRAC/INT
register (Register R0), set the FRAC value that is loaded into
the fractional interpolator. The FRAC value forms part of the
overall feedback division factor.
These 13 bits are the least significant bits (LSBs) of the 25-bit
FRAC value; Bits DB[14:3] in the FRAC/INT register are the
most significant bits (MSBs). For more information, see the
RF Synthesizer Worked Example section.
12-Bit Phase Value
Bits DB[14:3] control the phase word. The phase word is used
to increase the RF output phase relative to the current phase.
The phase change occurs after a write to Register R0.
Phase Shift = (Phase Value × 360°)/212
For example, Phase Value = 512 increases the phase by 45°.
To use phase adjustment, Bit DB28 must be set to 1. If phase
adjustment is not used, it is recommended that the phase value
be set to 0.
DB31
CONTROL
BITS
12-BIT PHASE VALUE
13-BIT LSB FRACTIONAL VALUE
(FRAC)
RESERVED
DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
0
0
0
P1
F13
F12
F11
F10
F9
F8
F7
F6
F5
F4
F3
F2
F1
P12
P11
P10
P9
P8
P7
P6
P5
P4
P3
P2
P1
C3(0) C2(0) C1(1)
P12
P11
...
P2
P1
PHASE VALUE
0
1
...
1
1
2047
.
.
...
.
.
.
0
0
...
1
1
3
0
0
...
1
0
2
0
0
...
0
1
1
0
0
...
0
0
0 (RECOMMENDED)
1
1
...
1
1
–1
1
1
...
1
0
–2
1
1
...
0
1
–3
.
.
...
.
.
.
1
0
...
0
0
–2048
*THE FRAC VALUE IS MADE UP OF THE 12-BIT MSB STORED IN
REGISTER R0 AND THE 13-BIT LSB STORED IN REGISTER R1.
FRAC VALUE = 13-BIT LSB + 12-BIT MSB × 213.
DBB
DBB
NOTES
1. DBB = DOUBLE-BUFFERED BITS.
P1
PHASE ADJ
0
DISABLED
1
ENABLED
F13
F12
...
F2
F1
LSB FRACTIONAL VALUE
(FRAC)*
0
1
2
3
.
.
.
8188
8189
8190
8191
0
0
0
0
.
.
.
1
1
1
1
0
0
0
0
.
.
.
1
1
1
1
...
...
...
...
...
...
...
...
...
...
...
0
0
1
1
.
.
.
0
0
1
1
0
1
0
1
.
.
.
0
1
0
1
Figure 26. LSB FRAC Register (R1) Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com