Electronic Components Datasheet Search
  English  ▼

X  

ADF4159 Datasheet(PDF) 27 Page - Analog Devices

Part # ADF4159
Description  Direct Modulation/Fast Waveform Generating, 13 GHz, Fractional-N Frequency Synthesizer
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4159 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADF4159 Datasheet HTML 23Page - Analog Devices ADF4159 Datasheet HTML 24Page - Analog Devices ADF4159 Datasheet HTML 25Page - Analog Devices ADF4159 Datasheet HTML 26Page - Analog Devices ADF4159 Datasheet HTML 27Page - Analog Devices ADF4159 Datasheet HTML 28Page - Analog Devices ADF4159 Datasheet HTML 29Page - Analog Devices ADF4159 Datasheet HTML 30Page - Analog Devices ADF4159 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
ADF4159
Data Sheet
Rev. E | Page 26 of 36
Note that the cycle slip reduction feature can only be operated
when the phase detector polarity setting is positive (Bit DB6 in
Register R3 is set to 1). It cannot be used if the phase detector
polarity is negative.
MODULATION
The ADF4159 can operate in frequency shift keying (FSK) or
phase shift keying (PSK) mode.
Frequency Shift Keying (FSK)
FSK is implemented by configuring the ADF4159 N divider
for the center frequency and then toggling the TXDATA pin.
The deviation from the center frequency is set by
fDEV = (fPFD/225) × (DEV × 2DEV_OFFSET)
(7)
where:
fPFD is the PFD frequency.
DEV is a 16-bit word (Bits DB[18:3] in Register R5).
DEV_OFFSET is a 4-bit word (Bits DB[22:19] in Register R5).
The ADF4159 implements fDEV by incrementing or decrementing
the configured N divider value by DEV × 2DEV_OFFSET.
FSK Settings Worked Example
In this example, an FSK system operates at 5.8 GHz with a
25 MHz fPFD, requiring 250 kHz deviation (fDEV).
Rearrange Equation 7 as follows:
(DEV × 2DEV_OFFSET) = fDEV/(fPFD/225)
(DEV × 2DEV_OFFSET) = 250 kHz/(25 MHz/225)
(DEV × 2DEV_OFFSET) = 335,544.32
If DEV_OFFSET is set to 6,
DEV = 335,544.32/(26) = 5242.88 ≈ 5243
Due to the rounding of DEV, fDEV = 250.005722 kHz.
Toggling the TXDATA pin causes the frequency to hop between
±250 kHz from the programmed center frequency.
Phase Shift Keying (PSK)
When the ADF4159 is configured for PSK mode, the output
phase of the ADF4159 is equal to
(Phase Value × 360°)/212
The phase value is set in Register 1, Bits DB[14:3]. The PSK
modulation is controlled by the TXDATA pin.
For example, if the phase value is 1024, a logic high on the TXDATA
pin results in a 90° increase of the output phase. A logic low on
the TXDATA pin results in a 90° decrease of the output phase. The
polarity can be inverted by negating the phase value.
WAVEFORM GENERATION
The ADF4159 is capable of generating five types of waveforms
in the frequency domain: single ramp burst, single triangular
burst, single sawtooth burst, continuous sawtooth ramp, and
continuous triangular ramp. Figure 33 through Figure 37 show
the types of waveforms available.
TIME
Figure 33. Single Ramp Burst
TIME
Figure 34. Single Triangular Burst
TIME
Figure 35. Single Sawtooth Burst
TIME
Figure 36. Continuous Sawtooth Ramp
TIME
Figure 37. Continuous Triangular Ramp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com