Electronic Components Datasheet Search
  English  ▼

X  

ADF4159 Datasheet(PDF) 28 Page - Analog Devices

Part # ADF4159
Description  Direct Modulation/Fast Waveform Generating, 13 GHz, Fractional-N Frequency Synthesizer
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4159 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADF4159 Datasheet HTML 24Page - Analog Devices ADF4159 Datasheet HTML 25Page - Analog Devices ADF4159 Datasheet HTML 26Page - Analog Devices ADF4159 Datasheet HTML 27Page - Analog Devices ADF4159 Datasheet HTML 28Page - Analog Devices ADF4159 Datasheet HTML 29Page - Analog Devices ADF4159 Datasheet HTML 30Page - Analog Devices ADF4159 Datasheet HTML 31Page - Analog Devices ADF4159 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
Data Sheet
ADF4159
Rev. E | Page 27 of 36
WAVEFORM DEVIATIONS AND TIMING
Figure 38 shows a version of a ramp.
TIMER
fDEV
TIME
Figure 38. Waveform Timing
The key parameters that define a ramp are
•
Frequency deviation
•
Timeout interval
•
Number of steps
Frequency Deviation
The frequency deviation for each frequency hop is set by
fDEV = (fPFD/225) × (DEV × 2DEV_OFFSET)
(7)
where:
fPFD is the PFD frequency.
DEV is a 16-bit word (Bits DB[18:3] in Register R5).
DEV_OFFSET is a 4-bit word (Bits DB[22:19] in Register R5).
Timeout Interval
The time between each frequency hop is set by
Timer = CLK1 × CLK2 × (1/fPFD)
(8)
where:
CLK1 and CLK2 are the 12-bit clock values (12-bit CLK1 divider in
Register R2 and 12-bit CLK2 divider in Register R4). Bits DB[20:19]
in Register R4 must be set to 11 for ramp divider.
fPFD is the PFD frequency.
Either CLK1 or CLK2 must be greater than 1, that is, CLK1 =
CLK2 = 1 is not allowed.
Number of Steps
A 20-bit step value (Bits DB[22:3] in Register R6) defines the
number of frequency hops that take place. The INT value cannot
be incremented by more than 28 = 256 from its starting value.
SINGLE RAMP BURST
The most basic waveform is the single ramp burst. All other
waveforms are variations of this waveform. In the single ramp
burst, the ADF4159 is locked to the frequency defined in the
FRAC/INT register (R0). When the ramp mode is enabled, the
ADF4159 increments the N divider value by DEV × 2DEV_OFFSET,
causing a frequency shift, fDEV, on each timer interval. This shift
is repeated until the set number of steps has taken place. The
ADF4159 then retains the final N divider value.
SINGLE TRIANGULAR BURST
The single triangular burst is similar to the single ramp burst.
However, when the steps are completed, the ADF4159 begins
to decrement the N divider value by DEV × 2DEV_OFFSET on each
timeout interval.
SINGLE SAWTOOTH BURST
In the single sawtooth burst, the N divider value is reset to its
initial value on the next timeout interval after the number of
steps has taken place. The ADF4159 retains this N divider value.
SAWTOOTH RAMP
The sawtooth ramp is a repeated version of the single sawtooth
burst. The waveform is repeated until the ramp is disabled.
TRIANGULAR RAMP
The triangular ramp is a repeated version of the single triangu-
lar burst. However, when the steps are completed, the ADF4159
begins to decrement the N divider value by DEV × 2DEV_OFFSET on
each timeout interval. When the number of steps has again been
completed, the part reverts to incrementing the N divider value.
Repeating this pattern creates a triangular waveform. The wave-
form is repeated until the ramp is disabled.
FMCW RADAR RAMP SETTINGS WORKED EXAMPLE
This example describes a frequency modulated continuous wave
(FMCW) radar system that requires the RF LO to use a sawtooth
ramp over a 50 MHz range every 2 ms. The PFD frequency is
25 MHz, and the RF output range is 5800 MHz to 5850 MHz.
The frequency deviation for each hop in the ramp is set to
~250 kHz.
The frequency resolution of the ADF4159 is calculated
as follows:
fRES = fPFD/225
(9)
Using Equation 9, fRES is calculated as follows:
fRES = 25 MHz/225 = 0.745 Hz
DEV_OFFSET is calculated after rearranging Equation 7.
DEV_OFFSET = log2(fDEV/(fRES × DEVMAX))
(10)
Expressed in log10(x), Equation 10 can be rearranged into
the following equation:
DEV_OFFSET = log10(fDEV/(fRES × DEVMAX))/log10(2)
(11)
where:
fDEV is the frequency deviation.
DEVMAX = 215 (maximum value of the deviation word).
DEV_OFFSET is a 4-bit word.
Using Equation 11, DEV_OFFSET is calculated as follows:
DEV_OFFSET = log10(250 kHz/(0.745 Hz × 215))/log10(2) = 3.356
After rounding, DEV_OFFSET = 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com