Electronic Components Datasheet Search
  English  ▼

X  

GLA.01 Datasheet(PDF) 3 Page - Taoglas antenna solutions

Part # GLA.01
Description  GLA.01 GPS/GALILEO 5*3*0.5mm Ceramic Loop Antenna
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

GLA.01 Datasheet(HTML) 3 Page - Taoglas antenna solutions

  GLA.01 Datasheet HTML 1Page - Taoglas antenna solutions GLA.01 Datasheet HTML 2Page - Taoglas antenna solutions GLA.01 Datasheet HTML 3Page - Taoglas antenna solutions GLA.01 Datasheet HTML 4Page - Taoglas antenna solutions GLA.01 Datasheet HTML 5Page - Taoglas antenna solutions GLA.01 Datasheet HTML 6Page - Taoglas antenna solutions GLA.01 Datasheet HTML 7Page - Taoglas antenna solutions GLA.01 Datasheet HTML 8Page - Taoglas antenna solutions GLA.01 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
3
SPE-11-8-40-J
www.taoglas.com
Taoglas has developed a unique ceramic miniature loop antenna series for GPS/GALILEO applications. At
5.0*3.0*0.5mm, the GLA.01 GPS/GALILEO Loop antenna is a miniature edge mounted antenna designed for
small space requirements. The radiation pattern is more omni-directional than traditional patch antennas.
The GLA loop antenna series show at least three times the efficiency of traditional linear polarized
1575.42MHz MHz antennas. Efficiencies of 40% to 90% are achievable. A peak gain of 2.5dBi places this
antenna's gain performance within the range of a much larger 15mm to 18mm patch antenna.
Mechanically, the GLA.01 at only 0.5mm in height has a very low profile, and with a footprint of 6.0 x 5.5mm
needs less space on the board. It does require clearance of 6.0 x 5.5mm. Based on the loop effect, this
antenna works best when placed on the center of the edge of the board, but can still work better than
traditional linear polarized chip antennas even when placed at corners as a substitute.
The GLA.01 is delivered on tape and reel and now allows M2M customers to use an omni-directional antenna
in devices where orientation of the product is unknown.
This antenna can be mounted with no performance degradation in either orientation as long as the antenna
is soldered correctly via Surface mounting. Please see the integration instructions section for further detail
regarding the optimum way to integrate this antenna into your device.
For further optimization to customer-specific device environments and for support to integrate and test this
antennas performance in your device, contact your regional Taoglas Customer Services Team.
Applications:
Navigation or position tracking systems
Hand-held devices when GPS/GALILEO function is needed, e.g., smart phone. PDA
1.
Introduction
1.
Introduction
1.
Introduction
1.
Introduction
1.
Introduction
1.
Introduction
1.
Introduction
1.
Introduction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com