Electronic Components Datasheet Search
  English  ▼

X  

GLA.01 Datasheet(PDF) 22 Page - Taoglas antenna solutions

Part # GLA.01
Description  GLA.01 GPS/GALILEO 5*3*0.5mm Ceramic Loop Antenna
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

GLA.01 Datasheet(HTML) 22 Page - Taoglas antenna solutions

Back Button GLA.01 Datasheet HTML 17Page - Taoglas antenna solutions GLA.01 Datasheet HTML 18Page - Taoglas antenna solutions GLA.01 Datasheet HTML 19Page - Taoglas antenna solutions GLA.01 Datasheet HTML 20Page - Taoglas antenna solutions GLA.01 Datasheet HTML 21Page - Taoglas antenna solutions GLA.01 Datasheet HTML 22Page - Taoglas antenna solutions GLA.01 Datasheet HTML 23Page - Taoglas antenna solutions GLA.01 Datasheet HTML 24Page - Taoglas antenna solutions GLA.01 Datasheet HTML 25Page - Taoglas antenna solutions  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
22
SPE-11-8-40-J
www.taoglas.com
(1) Quantity/Reel: 6000pcs/Reel
(2) Plastic Tape
Feature
Specifications
Tolerances
W
12.00
±0.30
P
8.00
±0.10
E
1.75
±0.10
F
5.50
±0.10
P2
2.00
±0.10
D
1.20
+0.10
-0.00
Po
4.00
±0.10
10Po
40.00
±0.20
Feature
Specifications
Tolerances
Ao
3.25
±0.20
±0.10
Bo
5.25
Ko
0.90
±0.10
t
0.30
±0.05
9.
Packaging
6.
Packaging5.
Mechanical Drawing
6.
Packaging
7.
Application Note6. Packaging5.
Mechanical
Drawing
6.
Packaging5.
Mechanical Drawing
6.
Packaging
7.
Application Note6. Packaging
7.
Application Note
7.
Application Note6. Packaging
7.
Application Note6. Packaging5.
Mechanical
Drawing
6.
Packaging5.
Mechanical Drawing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com