Electronic Components Datasheet Search
  English  ▼

X  

GLA.01 Datasheet(PDF) 24 Page - Taoglas antenna solutions

Part # GLA.01
Description  GLA.01 GPS/GALILEO 5*3*0.5mm Ceramic Loop Antenna
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

GLA.01 Datasheet(HTML) 24 Page - Taoglas antenna solutions

Back Button GLA.01 Datasheet HTML 17Page - Taoglas antenna solutions GLA.01 Datasheet HTML 18Page - Taoglas antenna solutions GLA.01 Datasheet HTML 19Page - Taoglas antenna solutions GLA.01 Datasheet HTML 20Page - Taoglas antenna solutions GLA.01 Datasheet HTML 21Page - Taoglas antenna solutions GLA.01 Datasheet HTML 22Page - Taoglas antenna solutions GLA.01 Datasheet HTML 23Page - Taoglas antenna solutions GLA.01 Datasheet HTML 24Page - Taoglas antenna solutions GLA.01 Datasheet HTML 25Page - Taoglas antenna solutions  
Zoom Inzoom in Zoom Outzoom out
 24 / 25 page
background image
24
SPE-11-8-40-J
www.taoglas.com
Changelog for the datasheet
SPE-11-8-040 – GLA.01
Revision: J (Current Version)
Date:
2023-05-09
Changes:
Updated Solder Reflow Information
Changes Made by:
Cesar Sousa
Previous Revisions
Revision: I
Date:
2023-02-28
Changes:
Antenna Integration Guide Added
Changes Made by:
Cesar Sousa
Revision: D
Date:
2013-07-18
Changes:
Changes Made by:
STAFF
Revision: H
Date:
2021-11-1
Changes:
Format Change, MSL
Changes Made by:
Erik Landi
Revision: C
Date:
2021-04-25
Changes:
Changes Made by:
STAFF
Revision: G
Date:
Changes:
No info
Changes Made by:
STAFF
Revision: B
Date:
2011-07-18
Changes:
Changes Made by:
STAFF
Revision: F
Date:
2014-04-14
Changes:
Updated by Wayne/Eddy
Changes Made by:
Aine Doyle
Revision: A (Original First Release)
Date:
2009-09-25
Notes:
Initial Release
Author:
STAFF
Revision: E
Date:
2021-07-25
Changes:
added Note on Page 14 under close up image
Changes Made by:
Aine Doyle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com