Electronic Components Datasheet Search
  English  ▼

X  

GLA.01 Datasheet(PDF) 14 Page - Taoglas antenna solutions

Part # GLA.01
Description  GLA.01 GPS/GALILEO 5*3*0.5mm Ceramic Loop Antenna
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

GLA.01 Datasheet(HTML) 14 Page - Taoglas antenna solutions

Back Button GLA.01 Datasheet HTML 10Page - Taoglas antenna solutions GLA.01 Datasheet HTML 11Page - Taoglas antenna solutions GLA.01 Datasheet HTML 12Page - Taoglas antenna solutions GLA.01 Datasheet HTML 13Page - Taoglas antenna solutions GLA.01 Datasheet HTML 14Page - Taoglas antenna solutions GLA.01 Datasheet HTML 15Page - Taoglas antenna solutions GLA.01 Datasheet HTML 16Page - Taoglas antenna solutions GLA.01 Datasheet HTML 17Page - Taoglas antenna solutions GLA.01 Datasheet HTML 18Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
14
SPE-11-8-40-J
www.taoglas.com
6.2
Antenna Integration
For any given PCB size, the antenna should ideally be placed on the PCB’s longest side, to take advantage of
the ground plane. Optimized matching components can be placed as shown.
Top Side w/ Solder Mask
Top Side w/o Solder Mask



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com