Electronic Components Datasheet Search
  English  ▼

X  

GLA.01 Datasheet(PDF) 18 Page - Taoglas antenna solutions

Part # GLA.01
Description  GLA.01 GPS/GALILEO 5*3*0.5mm Ceramic Loop Antenna
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

GLA.01 Datasheet(HTML) 18 Page - Taoglas antenna solutions

Back Button GLA.01 Datasheet HTML 14Page - Taoglas antenna solutions GLA.01 Datasheet HTML 15Page - Taoglas antenna solutions GLA.01 Datasheet HTML 16Page - Taoglas antenna solutions GLA.01 Datasheet HTML 17Page - Taoglas antenna solutions GLA.01 Datasheet HTML 18Page - Taoglas antenna solutions GLA.01 Datasheet HTML 19Page - Taoglas antenna solutions GLA.01 Datasheet HTML 20Page - Taoglas antenna solutions GLA.01 Datasheet HTML 21Page - Taoglas antenna solutions GLA.01 Datasheet HTML 22Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
18
SPE-11-8-40-J
www.taoglas.com
6.6
Evaluation Board Matching Circuit
Designator
Type
Value
Manufacturer
Manufacturer Part Number
R1
Resistor
0 Ohms
Yageo
RC0402JR-070RL
C1
Capacitor
Not Fitted
-
-
C2
Capacitor
8pF
Murata
GRM1555D1H8R0DA01D
C3
Capacitor
2.2pF
Murata
GRM1555C1H2R2CA01D
A matching component (R1) in series with the GLA.01 is required for the antenna to have optimal performance
on the evaluation board, located outside of the ground plane in the space specified in the above images.
Additional matching components may be necessary for your device, so we recommend incorporating extra
component footprints, forming a “pi” network, between the cellular module and the edge of the ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com