Electronic Components Datasheet Search
  English  ▼

X  

125 Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # 125
Description  Dual inverting Schmitt trigger
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

125 Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button 125 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 125 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 125 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 125 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 125 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 125 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 125 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 125 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 125 Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
© Nexperia B.V. 2017. All rights reserved
74HC_HCT2G14
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 2 — 14 March 2014
7 of 21
Nexperia
74HC2G14; 74HCT2G14
Dual inverting Schmitt trigger
Tamb = 40 C to +85 C
VOH
HIGH-level output voltage
VI = VT+ or VT
IO = 20 A; VCC = 4.5 V
4.4
-
-
V
IO = 4.0 mA; VCC = 4.5 V
4.13
-
-
V
VOL
LOW-level output voltage
VI = VT+ or VT
IO = 20 A; VCC = 4.5 V
-
-
0.1
V
IO = 4.0 mA; VCC = 4.5 V
-
-
0.33
V
II
input leakage current
VI = GND or VCC; VCC = 5.5 V
-
-
1.0
A
ICC
supply current
VI = GND or VCC; IO = 0 A;
VCC = 5.5 V
-
-
10.0
A
I
CC
additional supply current
VI = VCC  2.1 V;
VCC = 4.5 V to 5.5 V; IO = 0 A
-
-
375
A
Tamb = 40 C to +125 C
VOH
HIGH-level output voltage
VI = VT+ or VT
IO = 20 A; VCC = 4.5 V
4.4
-
-
V
IO = 4.0 mA; VCC = 4.5 V
3.7
-
-
V
VOL
LOW-level output voltage
VI = VT+ or VT
IO = 20 A; VCC = 4.5 V
-
-
0.1
V
IO = 4.0 mA; VCC = 4.5 V
-
-
0.4
V
II
input leakage current
VI = GND or VCC; VCC = 5.5 V
-
-
1.0
A
ICC
supply current
VI = GND or VCC; IO = 0 A;
VCC = 5.5 V
-
-
20.0
A
I
CC
additional supply current
VI = VCC  2.1 V;
VCC = 4.5 V to 5.5 V; IO = 0 A
-
-
410
A
Table 8.
Static characteristics for 74HCT2G14 …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com