Electronic Components Datasheet Search
  English  ▼

X  

125 Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # 125
Description  Dual inverting Schmitt trigger
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

125 Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  125 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 125 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 125 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 125 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 125 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 125 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 125 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 125 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 125 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1.
General description
The 74HC2G14; 74HCT2G14 is a dual inverter with Schmitt-trigger inputs. Inputs include
clamp diodes. This enables the use of current limiting resistors to interface inputs to
voltages in excess of VCC. Schmitt trigger inputs transform slowly changing input signals
into sharply defined jitter-free output signals.
2.
Features and benefits
 Wide supply voltage range from 2.0 V to 6.0 V
 Complies with JEDEC standard no. 7A
 Input levels:
 For 74HC2G14: CMOS level
 For 74HCT2G14: TTL level
 High noise immunity
 Low power dissipation
 Balanced propagation delays
 Unlimited input rise and fall times
 Multiple package options
 ESD protection:
 HBM JESD22-A114E exceeds 2000 V
 MM JESD22-A115-A exceeds 200 V
 Specified from
40 Cto+85 C and 40 Cto+125 C
3.
Applications
 Wave and pulse shaper for highly noisy environments
 Astable multivibrators
 Monostable multivibrators
74HC2G14; 74HCT2G14
Dual inverting Schmitt trigger
Rev. 2 — 14 March 2014
Product data sheet


Similar Part No. - 125

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
125 CDE-125 Datasheet
805Kb / 5P
The Pace-Setter for Long Life and High Temperature
125 CDE-125 Datasheet
1Mb / 3P
Screw Terminal Mounting Hardware and Accessories
logo
ATTEND Technology Inc.
125 ATTEND-125 Datasheet
466Kb / 6P
MXM 230P Connector, STD, 7.8H, Gold Flash, Black, Reel
2020/04/17
logo
Littelfuse
125 LITTELFUSE-125 Datasheet
648Kb / 2P
Heavy Duty Fuse Clips
07/08/21
125 LITTELFUSE-125 Datasheet
228Kb / 1P
Circuit Board Mount Clips for 10mm (13/32”) Diameter Fuses
12/08/22
More results

Similar Description - 125

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC2G17 PHILIPS-74HC2G17 Datasheet
96Kb / 18P
Dual non-inverting Schmitt trigger
Rev. 01-6 October 2006
74HC2G14 NXP-74HC2G14 Datasheet
95Kb / 19P
Dual inverting Schmitt trigger
Rev. 01 - 11 October 2006
74AHC1G14 NXP-74AHC1G14 Datasheet
105Kb / 15P
Inverting Schmitt trigger
Rev. 06 ??18 May 2009
74HC_HCT2G14 PHILIPS-74HC_HCT2G14_15 Datasheet
141Kb / 21P
Dual inverting Schmitt trigger
Rev. 2-14 March 2014
74HC_HCT2G17 PHILIPS-74HC_HCT2G17_15 Datasheet
104Kb / 18P
Dual non-inverting Schmitt trigger
Rev. 01-6 October 2006
logo
Nexperia B.V. All right...
74HC2G14-Q100 NEXPERIA-74HC2G14-Q100 Datasheet
803Kb / 21P
Dual inverting Schmitt trigger
74HC2G17-Q100 NEXPERIA-74HC2G17-Q100 Datasheet
721Kb / 19P
Dual non-inverting Schmitt trigger
74AHC1G14 NEXPERIA-74AHC1G14 Datasheet
261Kb / 14P
Inverting Schmitt trigger
Rev. 10 - 12 January 2022
74HC2G14 NEXPERIA-74HC2G14 Datasheet
260Kb / 16P
Dual inverting Schmitt trigger
Rev. 3 - 28 January 2022
74HC2G17 NEXPERIA-74HC2G17 Datasheet
252Kb / 15P
Dual non-inverting Schmitt trigger
Rev. 2 - 2 February 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com