Electronic Components Datasheet Search
  English  ▼

X  

125 Datasheet(PDF) 13 Page - Nexperia B.V. All rights reserved

Part # 125
Description  Dual inverting Schmitt trigger
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

125 Datasheet(HTML) 13 Page - Nexperia B.V. All rights reserved

Back Button 125 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 125 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 125 Datasheet HTML 11Page - Nexperia B.V. All rights reserved 125 Datasheet HTML 12Page - Nexperia B.V. All rights reserved 125 Datasheet HTML 13Page - Nexperia B.V. All rights reserved 125 Datasheet HTML 14Page - Nexperia B.V. All rights reserved 125 Datasheet HTML 15Page - Nexperia B.V. All rights reserved 125 Datasheet HTML 16Page - Nexperia B.V. All rights reserved 125 Datasheet HTML 17Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
© Nexperia B.V. 2017. All rights reserved
74HC_HCT2G14
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 2 — 14 March 2014
13 of 21
Nexperia
74HC2G14; 74HCT2G14
Dual inverting Schmitt trigger
16. Application information
The slow input rise and fall times cause additional power dissipation, this can be
calculated using the following formula:
Padd =fi  (tr ICC(AV) +tf ICC(AV))  VCC where:
Padd = additional power dissipation (W);
fi = input frequency (MHz);
tr = input rise time (ns); 10 % to 90 %;
tf = input fall time (ns); 90 % to 10 %;
I
CC(AV) = average additional supply current (A).
I
CC(AV) differs with positive or negative input transitions, as shown in Figure 11 and
Figure 12.
An example of a relaxation circuit using the 74HC2G14/74HCT2G14 is shown
in Figure 13.
(1) Positive-going edge.
(2) Negative-going edge.
Fig 11.
I
CC(AV) as a function of VCC for 74HC2G14; linear change of VI between 0.1VCC to 0.9VCC
mna036
0
2.0
4.0
6.0
VCC (V)
200
150
50
0
100
∆ICC(AV)
(
µA)
positive-going
edge
negative-going
edge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com