Electronic Components Datasheet Search
  English  ▼

X  

125 Datasheet(PDF) 10 Page - Nexperia B.V. All rights reserved

Part # 125
Description  Dual inverting Schmitt trigger
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

125 Datasheet(HTML) 10 Page - Nexperia B.V. All rights reserved

Back Button 125 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 125 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 125 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 125 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 125 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 125 Datasheet HTML 11Page - Nexperia B.V. All rights reserved 125 Datasheet HTML 12Page - Nexperia B.V. All rights reserved 125 Datasheet HTML 13Page - Nexperia B.V. All rights reserved 125 Datasheet HTML 14Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
© Nexperia B.V. 2017. All rights reserved
74HC_HCT2G14
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 2 — 14 March 2014
10 of 21
Nexperia
74HC2G14; 74HCT2G14
Dual inverting Schmitt trigger
14. Transfer characteristics
Table 12.
Transfer characteristics
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 6.
Symbol Parameter
Conditions
25
C
40 C to +125 C
Unit
Min
Typ
Max
Min
Max
(85
C)
Max
(125
C)
74HC2G14
VT+
positive-going
threshold voltage
see Figure 7, Figure 8
VCC = 2.0 V
1.00
1.18
1.50
1.00
1.50
1.50
V
VCC = 4.5 V
2.30
2.60
3.15
2.30
3.15
3.15
V
VCC = 6.0 V
3.00
3.46
4.20
3.00
4.20
4.20
V
VT
negative-going
threshold voltage
see Figure 7, Figure 8
VCC = 2.0 V
0.30
0.60
0.90
0.30
0.90
0.90
V
VCC = 4.5 V
1.13
1.47
2.00
1.13
2.00
2.00
V
VCC = 6.0 V
1.50
2.06
2.60
1.50
2.60
2.60
V
VH
hysteresis voltage
(VT+  VT); see Figure 7,
Figure 8 and Figure 9
VCC = 2.0 V
0.30
0.60
1.00
0.30
1.00
1.00
V
VCC = 4.5 V
0.60
1.13
1.40
0.60
1.40
1.40
V
VCC = 6.0 V
0.80
1.40
1.70
0.80
1.70
1.70
V
74HCT2G14
VT+
positive-going
threshold voltage
see Figure 7 and Figure 8
VCC = 4.5 V
1.20
1.58
1.90
1.20
1.90
1.90
V
VCC = 5.5 V
1.40
1.78
2.10
1.40
2.10
2.10
V
VT
negative-going
threshold voltage
see Figure 7 and Figure 8
VCC = 4.5 V
0.50
0.87
1.20
0.50
1.20
1.20
V
VCC = 5.5 V
0.60
1.11
1.40
0.60
1.40
1.40
V
VH
hysteresis voltage
(VT+  VT); see Figure 7,
Figure 8 and Figure 10
VCC = 4.5 V
0.40
0.71
-
0.40
-
-
V
VCC = 5.5 V
0.40
0.67
-
0.40
-
-
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com