Electronic Components Datasheet Search
  English  ▼

X  

125 Datasheet(PDF) 17 Page - Nexperia B.V. All rights reserved

Part # 125
Description  Dual inverting Schmitt trigger
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

125 Datasheet(HTML) 17 Page - Nexperia B.V. All rights reserved

Back Button 125 Datasheet HTML 13Page - Nexperia B.V. All rights reserved 125 Datasheet HTML 14Page - Nexperia B.V. All rights reserved 125 Datasheet HTML 15Page - Nexperia B.V. All rights reserved 125 Datasheet HTML 16Page - Nexperia B.V. All rights reserved 125 Datasheet HTML 17Page - Nexperia B.V. All rights reserved 125 Datasheet HTML 18Page - Nexperia B.V. All rights reserved 125 Datasheet HTML 19Page - Nexperia B.V. All rights reserved 125 Datasheet HTML 20Page - Nexperia B.V. All rights reserved 125 Datasheet HTML 21Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
© Nexperia B.V. 2017. All rights reserved
74HC_HCT2G14
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 2 — 14 March 2014
17 of 21
Nexperia
74HC2G14; 74HCT2G14
Dual inverting Schmitt trigger
Fig 16. Package outline SOT457 (SC-74)
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT457
SC-74
wB
M
bp
D
e
pin 1
index
A
A1
Lp
Q
detail X
HE
E
v M A
A
B
y
scale
c
X
13
2
4
5
6
0
1
2 mm
Plastic surface-mounted package (TSOP6); 6 leads
SOT457
UNIT
A1
bp
cD
E
HE
Lp
Qy
w
v
mm
0.1
0.013
0.40
0.25
3.1
2.7
0.26
0.10
1.7
1.3
e
0.95
3.0
2.5
0.2
0.1
0.2
DIMENSIONS (mm are the original dimensions)
0.6
0.2
0.33
0.23
A
1.1
0.9
05-11-07
06-03-16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com