Electronic Components Datasheet Search
  English  ▼

X  

ADATE320KCPZ Datasheet(PDF) 43 Page - Analog Devices

Part # ADATE320KCPZ
Description  1.25 GHz Dual Integrated DCL with PPMU, Level Setting DACs, and On-Chip Calibration Registers
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE320KCPZ Datasheet(HTML) 43 Page - Analog Devices

Back Button ADATE320KCPZ Datasheet HTML 39Page - Analog Devices ADATE320KCPZ Datasheet HTML 40Page - Analog Devices ADATE320KCPZ Datasheet HTML 41Page - Analog Devices ADATE320KCPZ Datasheet HTML 42Page - Analog Devices ADATE320KCPZ Datasheet HTML 43Page - Analog Devices ADATE320KCPZ Datasheet HTML 44Page - Analog Devices ADATE320KCPZ Datasheet HTML 45Page - Analog Devices ADATE320KCPZ Datasheet HTML 46Page - Analog Devices ADATE320KCPZ Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 78 page
background image
Data Sheet
ADATE320
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. C | 43 of 78
Figure 87. PPMU Force Current Compliance Error, Range A, FI = −40 mA vs.
Output Voltage (VDUTx)
Figure 88. PPMU Force Current Compliance Error, Range A, FI = 40 mA vs.
Output Voltage (VDUTx)
Figure 89. PPMU Force Current Compliance Error, Range B, FI = −1 mA vs.
Output Voltage (VDUTx)
Figure 90. PPMU Force Current Compliance Error, Range B, FI = 1 mA vs.
Output Voltage (VDUTx)
Figure 91. PPMU Force Current Compliance Error, Range C, FI = −100 µA vs.
Output Voltage (VDUTx)
Figure 92. PPMU Force Current Compliance Error, Range C, FI = 100 µA vs.
Output Voltage (VDUTx)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com